Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3230B Datasheet(PDF) 1 Page - NEC

Part # 2SK3230B
Description  N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3230B Datasheet(HTML) 1 Page - NEC

  2SK3230B Datasheet HTML 1Page - NEC 2SK3230B Datasheet HTML 2Page - NEC 2SK3230B Datasheet HTML 3Page - NEC 2SK3230B Datasheet HTML 4Page - NEC 2SK3230B Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
JUNCTION FIELD EFFECT TRANSISTOR
2SK3230B
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR
FOR IMPEDANCE CONVERTER OF ECM
DATA SHEET
Document No. D17283EJ1V0DS00 (1st edition)
Date Published August 2004 NS CP(K)
Printed in Japan
2004
DESCRIPTION
The 2SK3230B is suitable for converter of ECM.
General-purpose product.
FEATURES
• Low noise:
−108.5 dB TYP. (VDD = 2.0 V, C = 5 pF, RL = 2.2 kΩ)
• Especially suitable for audio and telephone
• Small package:
SC-89 (TUSM)
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3230B
SC-89 (TUSM)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS =
−1.0 V)
VDSX
20
V
Gate to Drain Voltage
VGDO
−20
V
Drain Current
ID
10
mA
Gate Current
IG
10
mA
Total Power Dissipation
PT
100
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
−55 to +125
°C
Caution Please take care of ESD (Electro Static Discharge) when you handle the device in this document.
PACKAGE DRAWING (Unit: mm)
0.3 ±0.05
2
0.5
0.5
1.6 ±0.1
3
1
0.1
+0.1
–0.05
0.2
+0.1
–0
EQUIVALENT CIRCUIT
3
2
1
1: Source
2: Drain
3: Gate


Similar Part No. - 2SK3230B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3230B RENESAS-2SK3230B Datasheet
239Kb / 7P
   JUNCTION FIELD EFFECT TRANSISTOR
2004
More results

Similar Description - 2SK3230B

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3230 NEC-2SK3230 Datasheet
50Kb / 8P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK2552B NEC-2SK2552B Datasheet
124Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3783 NEC-2SK3783 Datasheet
111Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3717 NEC-2SK3717 Datasheet
43Kb / 4P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3719 NEC-2SK3719 Datasheet
116Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
logo
Renesas Technology Corp
2SK2552 RENESAS-2SK2552 Datasheet
120Kb / 6P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
November 2004
logo
NEC
2SK3782 NEC-2SK3782 Datasheet
111Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK660 NEC-2SK660 Datasheet
38Kb / 8P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3653B NEC-2SK3653B Datasheet
123Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3718 NEC-2SK3718 Datasheet
111Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com