Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3114 Datasheet(PDF) 6 Page - NEC

Part # 2SK3114
Description  SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3114 Datasheet(HTML) 6 Page - NEC

  2SK3114 Datasheet HTML 1Page - NEC 2SK3114 Datasheet HTML 2Page - NEC 2SK3114 Datasheet HTML 3Page - NEC 2SK3114 Datasheet HTML 4Page - NEC 2SK3114 Datasheet HTML 5Page - NEC 2SK3114 Datasheet HTML 6Page - NEC 2SK3114 Datasheet HTML 7Page - NEC 2SK3114 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet D13337EJ2V0DS
6
2SK3114
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
100
m
1m
10m
100
L - Inductive Load - H
1.0
10
0.1
10
m
RG = 25
W
VDD = 150 V
VGS = 20
® 0 V
Starting Tch = 25˚C
E
AS
= 10.7
mJ
IAS = 4 A
PACKAGE DRAWINGS (Unit: mm)
Isolated TO-220 (MP-45F)
1.Gate
2.Drain
3.Source
10.0±0.3
3.2±0.2
φ
0.7±0.1
1.3±0.2
1.5±0.2
2.54 TYP.
2.54 TYP.
123
2.5±0.1
0.65±0.1
4.5±0.2
2.7±0.2
SINGLE AVALANCHE ENERGY
DERATING FACTOR
75
150
125
120
80
40
0
Starting Tch - Starting Channel Temperature - ˚C
50
100
25
VDD = 150 V
RG = 25
W
VGS = 20
® 0 V
IAS
£ 4 A
100
60
20
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage
exceeding the rated voltage may be applied to this device.


Similar Part No. - 2SK3114

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK3114 VBSEMI-2SK3114 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3114 ISC-2SK3114 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3114 RENESAS-2SK3114 Datasheet
258Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
logo
VBsemi Electronics Co.,...
2SK3114B VBSEMI-2SK3114B Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Renesas Technology Corp
2SK3114B RENESAS-2SK3114B Datasheet
334Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
2006
More results

Similar Description - 2SK3114

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3059 NEC-2SK3059 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3112 NEC-2SK3112 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3405 NEC-2SK3405 Datasheet
1Mb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3424 NEC-2SK3424 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3454 NEC-2SK3454 Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK2133 NEC-2SK2133 Datasheet
366Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3404 NEC-2SK3404 Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3467 NEC-2SK3467 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3295 NEC-2SK3295 Datasheet
71Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com