Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3112-S Datasheet(PDF) 1 Page - NEC

Part # 2SK3112-S
Description  SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3112-S Datasheet(HTML) 1 Page - NEC

  2SK3112-S Datasheet HTML 1Page - NEC 2SK3112-S Datasheet HTML 2Page - NEC 2SK3112-S Datasheet HTML 3Page - NEC 2SK3112-S Datasheet HTML 4Page - NEC 2SK3112-S Datasheet HTML 5Page - NEC 2SK3112-S Datasheet HTML 6Page - NEC 2SK3112-S Datasheet HTML 7Page - NEC 2SK3112-S Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1998,2001
MOS FIELD EFFECT TRANSISTOR
2SK3112
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
Document No. D13335EJ1V0DS00 (1st edition)
Date Published May 2001 NS CP (K)
Printed in Japan
DATA SHEET
DESCRIPTION
The 2SK3112 is N-channel MOS FET device that features a
low on-state resistance and excellent switching characteristics,
and designed for high voltage applications such as DC/DC
converter, actuator driver.
FEATURES
• Gate voltage rating ±30 V
• Low on-state resistance
RDS(on) = 110 m
Ω MAX. (VGS = 10 V, ID = 13 A)
• Low input capacitance
Ciss = 1600 pF TYP. (VDS = 10 V, VGS = 0 V)
• Avalanche capability rated
• Built-in gate protection diode
• Surface mount device available
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
200
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±30
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±25
A
Drain Current (pulse)
Note1
ID(pulse)
±75
A
Total Power Dissipation (TC = 25°C)
PT1
100
W
Total Power Dissipation (TA = 25°C)
PT2
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
Note2
IAS
25
A
Single Avalanche Energy
Note2
EAS
250
mJ
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1%
2. Starting Tch = 25°C, VDD = 100 V, RG = 25
Ω, VGS = 20 V→0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3112
TO-220AB
2SK3112-S
TO-262
2SK3112-ZJ
TO-263(MP-25ZJ)
(TO-220AB)
(TO-262)
(TO-263)
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.


Similar Part No. - 2SK3112-S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3112-S ISC-2SK3112-S Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3112-S RENESAS-2SK3112-S Datasheet
244Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Similar Description - 2SK3112-S

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3059 NEC-2SK3059 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3405 NEC-2SK3405 Datasheet
1Mb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3424 NEC-2SK3424 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3454 NEC-2SK3454 Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK2133 NEC-2SK2133 Datasheet
366Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3404 NEC-2SK3404 Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3467 NEC-2SK3467 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3114 NEC-2SK3114 Datasheet
92Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3295 NEC-2SK3295 Datasheet
71Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com