Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3112-S Datasheet(PDF) 4 Page - NEC

Part # 2SK3112-S
Description  SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3112-S Datasheet(HTML) 4 Page - NEC

  2SK3112-S Datasheet HTML 1Page - NEC 2SK3112-S Datasheet HTML 2Page - NEC 2SK3112-S Datasheet HTML 3Page - NEC 2SK3112-S Datasheet HTML 4Page - NEC 2SK3112-S Datasheet HTML 5Page - NEC 2SK3112-S Datasheet HTML 6Page - NEC 2SK3112-S Datasheet HTML 7Page - NEC 2SK3112-S Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D13335EJ1V0DS
4
2SK3112
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VSD - Source to Drain Voltage - V
0
0.5
1.0
1.5
VGS = 10 V
0 V
Pulsed
100
10
1
0.1
0.01
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0.1
100
1000
1
10
100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
10
10000
1000
REVERSE RECOVERY TIME vs.
DIODE CURRENT
IF - Diode Current - A
0.1
10
1
10
100
100
1
1000
di/dt = 50 A/
µs
VGS = 0 V
SWITCHING CHARACTERISTICS
ID - Drain Current - A
1
10
100
1000
0.1
1
10
100
VDD = 100 V
VGS = 10 V
RG = 10
td(off)
td(on)
tf
tr
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
0
10
20
3040
5060
70
VGS
VDS
240
200
160
120
80
40
0
12
10
8
6
4
2
0
ID = 25 A
VDD = 160 V
100 V
40 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
50
150
0
100
−50
Tch - Channel Temperature - ˚C
200
150
100
50
0
VGS = 10 V
Pulsed
13 A
ID = 25 A


Similar Part No. - 2SK3112-S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3112-S ISC-2SK3112-S Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3112-S RENESAS-2SK3112-S Datasheet
244Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Similar Description - 2SK3112-S

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3059 NEC-2SK3059 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3405 NEC-2SK3405 Datasheet
1Mb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3424 NEC-2SK3424 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3454 NEC-2SK3454 Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK2133 NEC-2SK2133 Datasheet
366Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3404 NEC-2SK3404 Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3467 NEC-2SK3467 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3114 NEC-2SK3114 Datasheet
92Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3295 NEC-2SK3295 Datasheet
71Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com