Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P059-006 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. P059-006
Description  C7 to Schuko, European Computer Power Cord - 2.5A, 250V, 18 AWG, 6 ft. (1.8 m), Black
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

P059-006 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
C7 to Schuko, European Computer Power Cord -
2.5A, 250V, 18 AWG, 6 ft. (1.8 m), Black
MODEL NUMBER: P059-006
C7 to Schuko EU power cord connects your notebook computer or laptop with a C8 power inlet to a
Schuko outlet.
Features
European Computer Power Cord Connects Notebook Computers to a Schuko AC Outlet
This C7 to Schuko power cord is designed for connecting a notebook computer, laptop or other device
with a C8 inlet to a UPS system, PDU or other Schuko outlet. It is also a durable replacement for a worn-
out or lost laptop power cord. The six-foot (1.8-meter) length allows you flexibility in placing equipment
with respect to the power outlet.
Highlights
EU power cable recommended
for powering notebooks and
laptops with C8 inlets
q
6 ft. (1.8 m) length allows
flexibility in placing devices in
relationship to AC outlet
q
Ideal replacement for a worn-out
or missing laptop adapter power
cable
q
Applications
Connect a laptop or notebook
computer to a PDU up to 6 ft.
(1.8 m) away in your workstation
q
Extend an existing power
connection up to 6 ft. (1.8 m) to
more easily place a device or
reach a power source
q
Provide a high-quality
replacement for a worn-out or
missing laptop power cord
q
Package Includes
P059-006 C7 to Schuko,
European Computer Power
Cord, 6 ft. (1.8 m), Black
q
OVERVIEW
UPC Code
037332205421
Country/Region
Europe
INPUT
Maximum Input Amps
2.5
Cable Length (ft.)
6
Cable Length (m)
1.8
1 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn