Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P050-008 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. P050-008
Description  C19 to Schuko, EU Power Cord - 16A, 250V, 16 AWG, 8 ft. (2.4 m), Black
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

P050-008 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
C19 to Schuko, EU Power Cord - 16A, 250V, 16
AWG, 8 ft. (2.4 m), Black
MODEL NUMBER: P050-008
IEC 320 C19 to Schuko EU power cord transforms a C20 plug into a Schuko plug for connecting to a wall
outlet, PDU or UPS system.
Features
C19 to Schuko EU Power Cord Connects Computers, Servers and Other Network Devices
This C19 to Schuko European power cord is designed for small data center or office workstation
applications that do not require a heavy-gauge connection. The cable can be used to connect a computer,
server or drive to a Schuko wall outlet, UPS system or PDU or replace or upgrade a worn-out or lost
power cable. The eight-foot (2.4-meter) length allows you flexibility in placing equipment with respect to
the power outlet.
Highlights
C19 to Schuko cable for
powering computers, servers
and other network devices
q
8 ft. (2.4 m) length allows
flexibility in placing devices in
relationship to AC outlet
q
Ideal replacement for worn-out
or missing EU power cable
q
Applications
Connect devices like computers,
servers and drives to a PDU up
to 2.4 m away in your data
center
q
Transform a C20 plug into a
Schuko plug with no electrician
needed
q
Extend an existing power
connection up to 2.4 m to more
easily place a device or reach a
power source in a rack
q
Provide a high-quality
replacement for a worn-out or
missing power cord
q
Package Includes
P050-008 C19 to Schuko, EU
Power Cord, 8 ft. (2.4 m), Black
q
OVERVIEW
UPC Code
037332141989
Country/Region
Europe
INPUT
Maximum Input Amps
16
1 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn