Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1742 Datasheet(PDF) 2 Page - NEC

Part # 2SA1742
Description  PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1742 Datasheet(HTML) 2 Page - NEC

  2SA1742 Datasheet HTML 1Page - NEC 2SA1742 Datasheet HTML 2Page - NEC 2SA1742 Datasheet HTML 3Page - NEC 2SA1742 Datasheet HTML 4Page - NEC 2SA1742 Datasheet HTML 5Page - NEC 2SA1742 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D14858EJ2V0DS
2
2SA1742
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VCEO(SUS)
IC =
−4.0 V, IB = −0.4 A, L = 1 mH
−60
V
Collector to emitter voltage
VCEX(SUS)
IC =
−4.0 A, IB1 = −IB2 = −0.4 A,
VBE(OFF) = 1.5 V, L = 180
µH, clamped
−60
V
ICBO
VCB =
−60 V, IE = 0 A
−10
µA
ICER
VCE =
−60 V, RBE = 50 Ω, TA = 125°C
−1.0
mA
ICEX1
VCE =
−60 V, VBE(OFF) = 1.5 V
−10
µA
Collector cutoff current
ICEX2
VCE =
−60 V, VBE(OFF) = 1.5 V,
TA = 125
°C
−1.0
mA
Emitter cutoff current
IEBO
VEB =
−5.0 V, IC = 0 A
−10
µA
hFE1
VCE =
−2.0 V, IC = −0.7 ANote
100
hFE2
VCE =
−2.0 V, IC = −1.5 ANote
100
400
DC current gain
hFE3
VCE =
−2.0 V, IC = −4.0 ANote
60
VCE(sat)1
IC =
−4.0 A, IB = −0.2 ANote
−0.3
V
Collector saturation voltage
VCE(sat)2
IC =
−6.0 A, IB = −0.3 ANote
−0.5
V
VBE(sat)1
IC =
−4.0 A, IB = −0.2 ANote
−1.2
V
Base saturation voltage
VBE(sat)2
IC =
−6.0 A, IB = −0.3 ANote
−1.5
V
Collector capacitance
Cob
VCB =
−10 V, IE = 0 A, f = 1.0 MHz
180
pF
Gain bandwidth product
fT
VCB =
−10 V, IC = −1.0 A
40
MHz
Turn-on time
ton
0.3
µs
Storage time
tstg
1.5
µs
Fall time
tf
IC =
−4.0 A, RL = 12.5 Ω,
IB1 =
−IB2 = −0.2 A, VCC ≅ −50 V
Refer to the test circuit.
0.3
µs
Note Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE CLASSIFICATION
Marking
M
L
K
hFE2
100 to 200
150 to 300
200 to 400
SWITCHING TIME (ton, tstg, tf) TEST CIRCUIT
Base current
waveform
Collector current
waveform


Similar Part No. - 2SA1742

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA1742 RENESAS-2SA1742 Datasheet
250Kb / 8P
   SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SA1742 ISC-2SA1742 Datasheet
149Kb / 2P
   isc Silicon PNP Power Transistor
logo
Renesas Technology Corp
2SA1742 RENESAS-2SA1742_15 Datasheet
250Kb / 8P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results

Similar Description - 2SA1742

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1743 NEC-2SA1743 Datasheet
130Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1652 NEC-2SA1652 Datasheet
161Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1744 NEC-2SA1744 Datasheet
144Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1845 NEC-2SA1845 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Galaxy Semi-Conductor H...
2SA1615 BILIN-2SA1615 Datasheet
266Kb / 5P
   PNP Silicon Epitaxial Transistor for High-speed Switching
logo
Renesas Technology Corp
2SA1615 RENESAS-2SA1615_15 Datasheet
239Kb / 7P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 RENESAS-2SA1742_15 Datasheet
250Kb / 8P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
NEC
2SA1645 NEC-2SA1645 Datasheet
143Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1646 NEC-2SA1646 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1650 NEC-2SA1650 Datasheet
148Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com