Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P014-006 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P014-006
Description  Laptop Power Adapter Cord, C14 to C5 Adapter - 2.5A, 100??50V, 18 AWG, 6 ft., Black
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P014-006 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P014-006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P014-006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Voltage Compatibility (VAC)
100-250
PHYSICAL
Power Cord Jacket Type
SJT
Wire Gauge (AWG)
18
Wire Gauge (OD - mm²)
0.82
Shipping Dimensions (hwd / in.)
12.80 x 8.90 x 0.50
Shipping Dimensions (hwd / cm)
32.51 x 22.61 x 1.27
Shipping Weight (lbs.)
0.46
Shipping Weight (kg)
0.21
Color
Black
Number of Conductors
3
CONNECTIONS
Side A - Connector 1
IEC-320-C14
Side B - Connector 1
IEC-320-C5
SPECIAL FEATURES
High Voltage
Yes
Heavy-Duty
No
Locking Plug
No
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 2


Similar Part No. - P014-006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P014-000 TRIPPLITE-P014-000 Datasheet
159Kb / 2P
   IEC C14 to IEC C5 Power Cord Adapter - 10A, 250V, Black
More results

Similar Description - P014-006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P014-06N TRIPPLITE-P014-06N Datasheet
161Kb / 2P
   Laptop Power Adapter Cord, C14 to C5 Adapter - 2.5A, 100??50V, 18 AWG, 6 in., Black
P014006 TRIPPLITE-P014006 Datasheet
480Kb / 2P
   Standard Laptop Power Adapter Cord, 2.5A, 18AWG (IEC-320-C14 to IEC-320-C5), 6-ft
P01406N TRIPPLITE-P01406N Datasheet
480Kb / 2P
   Standard Laptop Power Adapter Cord, 2.5A, 18AWG (IEC-320-C14 to IEC-320-C5), 6-in
P014-000 TRIPPLITE-P014-000 Datasheet
159Kb / 2P
   IEC C14 to IEC C5 Power Cord Adapter - 10A, 250V, Black
P013-006 TRIPPLITE-P013-006 Datasheet
176Kb / 3P
   3-Slot Power Cord, NEMA 5-15P to C5 - Laptop/Notebook, 7A, 125V, 18 AWG, 6 ft. (1.8 m), Black
P058-006 TRIPPLITE-P058-006 Datasheet
165Kb / 2P
   C5 to Schuko, European Computer Power Cord - 2.5A, 250V, 17 AWG, 6 ft. (1.8 m), Black
P060-006 TRIPPLITE-P060-006 Datasheet
164Kb / 2P
   UK Plug to C5, UK Computer Power Cable - BS1363 to C5, 2.5A, 250V, 18 AWG, 6 ft. (1.8 m), Black
P047-006-10A TRIPPLITE-P047-006-10A Datasheet
161Kb / 2P
   C19 to C14 Power Cord - 10A, 100-250V, 16 AWG, 6 ft., Black
logo
Lite-On Technology Corp...
PA-1131-26 LITEON-PA-1131-26 Datasheet
310Kb / 3P
   Laptop Power Adapter
PA-1900-88TA LITEON-PA-1900-88TA Datasheet
336Kb / 3P
   Laptop Power Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com