Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A2053 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A2053
Description  SINGLE-CHANNEL 10-OHM SPDT ANALOG SWITCH WITH ENABLE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A2053 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS5A2053 Datasheet HTML 7Page - Texas Instruments TS5A2053 Datasheet HTML 8Page - Texas Instruments TS5A2053 Datasheet HTML 9Page - Texas Instruments TS5A2053 Datasheet HTML 10Page - Texas Instruments TS5A2053 Datasheet HTML 11Page - Texas Instruments TS5A2053 Datasheet HTML 12Page - Texas Instruments TS5A2053 Datasheet HTML 13Page - Texas Instruments TS5A2053 Datasheet HTML 14Page - Texas Instruments TS5A2053 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TS5A2053
SINGLECHANNEL 10 W SPDT ANALOG SWITCH
WITH ENABLE
SCDS183 – JANUARY 2005
www.ti.com
11
TYPICAL PERFORMANCE
Figure 1
0
10
20
30
40
50
60
70
80
90
100
VCOM (V)
TA = 25°C
Figure 1A. ron vs VCOM (V+ = 1.65 V)
NO > COM
NC > COM
0
0.5
1
1.5
0.25
0.75
1.25
1.75
0
5
10
15
20
25
Figure 1B. ron vs VCOM (V+ = 2.3 V)
VCOM (V)
TA = 25°C
NO > COM
NC > COM
0
0.6
1.2
2.1
0.3
0.9
1.8
2.4
1.5
0
2
4
6
8
10
12
14
VCOM (V)
TA = 25°C
Figure 1C. ron vs VCOM (V+ = 3 V)
NO > COM
NC > COM
01
3
0.5
1.5
2.5
2
0
1
2
3
4
5
6
7
8
9
10
Figure 1D. ron vs VCOM (V+ = 4.5 V)
VCOM (V)
TA = 25°C
NO > COM
NC > COM
NO > COM
NC > COM
0
1
2.5
4
0.5
2
3.5
3
4.5
1.5
0
2
4
6
8
10
12
14
16
18
VCOM (V)
Figure 2. ron vs VCOM (V+ = 3 V)
TA = −40°C
TA = 25°C
TA = 85°C
NO > COM
NC > COM
01
3
0.5
1.5
2.5
2
0
2
4
6
8
10
12
Figure 3. ron vs VCOM (V+ = 4.5 V)
VCOM (V)
TA = −40°C
TA = 25°C
TA = 85°C
NO > COM
NC > COM
01
3
0.5
1.5
2.5
2
3.5
4
4.5


Similar Part No. - TS5A2053

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A2053 TI-TS5A2053 Datasheet
576Kb / 26P
[Old version datasheet]   SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
TS5A2053 TI1-TS5A2053 Datasheet
929Kb / 29P
[Old version datasheet]   SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
TS5A2053DCTR TI-TS5A2053DCTR Datasheet
576Kb / 26P
[Old version datasheet]   SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
TS5A2053DCTRE4 TI-TS5A2053DCTRE4 Datasheet
576Kb / 26P
[Old version datasheet]   SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
TS5A2053DCTRG4 TI-TS5A2053DCTRG4 Datasheet
576Kb / 26P
[Old version datasheet]   SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
More results

Similar Description - TS5A2053

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A2053 TI-TS5A2053_15 Datasheet
912Kb / 28P
[Old version datasheet]   SINGLE-CHANNEL 10 SPDT ANALOG SWITCH WITH ENABLE
TS5A2053 TI1-TS5A2053_14 Datasheet
929Kb / 29P
[Old version datasheet]   SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
TS5A2053 TI-TS5A2053_09 Datasheet
576Kb / 26P
[Old version datasheet]   SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
TS5A3157 TI-TS5A3157 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
MAX4596DCKRG4 TI1-MAX4596DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4594DCKRG4 TI1-MAX4594DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
TS5A63157 TI-TS5A63157 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX4564 MAXIM-MAX4564_12 Datasheet
316Kb / 11P
   Low-Voltage, Dual-Supply,SPDT Analog Switch with Enable
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com