Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L293DNE Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # L293DNE
Description  QUADRUPLE HALF-H DRIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

L293DNE Datasheet(HTML) 9 Page - Texas Instruments

Back Button L293DNE Datasheet HTML 5Page - Texas Instruments L293DNE Datasheet HTML 6Page - Texas Instruments L293DNE Datasheet HTML 7Page - Texas Instruments L293DNE Datasheet HTML 8Page - Texas Instruments L293DNE Datasheet HTML 9Page - Texas Instruments L293DNE Datasheet HTML 10Page - Texas Instruments L293DNE Datasheet HTML 11Page - Texas Instruments L293DNE Datasheet HTML 12Page - Texas Instruments L293DNE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
L293, L293D
QUADRUPLE HALFH DRIVERS
SLRS008C − SEPTEMBER 1986 − REVISED NOVEMBER 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
EN
3A
M1
4A
M2
H
H
Fast motor stop
H
Run
H
L
Run
L
Fast motor stop
L
X
Free-running motor
stop
X
Free-running motor
stop
L = low, H = high, X = don’t care
EN
1A
2A
FUNCTION
H
L
H
Turn right
H
H
L
Turn left
H
L
L
Fast motor stop
H
H
H
Fast motor stop
L
X
X
Fast motor stop
L = low, H = high, X = don’t care
VCC2
SES5001
1/2 L293
4, 5, 12, 13
10
SES5001
VCC1
EN
15
11
14
16
9
M2
M1
3A
4A
8
Figure 4. DC Motor Controls
(connections to ground and to
supply voltage)
GND
2
× SES5001
1/2 L293
4, 5, 12, 13
3
6
7
8
1
2
16
VCC2
2
× SES5001
2A
1A
VCC1
EN
M
Figure 5. Bidirectional DC Motor Control
GND


Similar Part No. - L293DNE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L293DNE TI-L293DNE Datasheet
496Kb / 19P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
L293DNE TI1-L293DNE Datasheet
501Kb / 21P
[Old version datasheet]   Quadruple Half-H Drivers
L293DNEE4 TI-L293DNEE4 Datasheet
496Kb / 19P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
L293DNEE4 TI1-L293DNEE4 Datasheet
501Kb / 21P
[Old version datasheet]   Quadruple Half-H Drivers
More results

Similar Description - L293DNE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L293D TI1-L293D_16 Datasheet
501Kb / 21P
[Old version datasheet]   Quadruple Half-H Drivers
logo
Sensitron
SCP-3337 SENSITRON-SCP-3337 Datasheet
51Kb / 3P
   QUADRUPLE HALF-H DRIVER
logo
Texas Instruments
L293 TI-L293 Datasheet
496Kb / 19P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410 Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410_06 Datasheet
166Kb / 9P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
TIL293D TI-TIL293D Datasheet
93Kb / 5P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
logo
Texas Instruments
SN55188 TI-SN55188 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com