Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI350-48H02SL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PCI350-48H02SL
Description  350 Watt CompactPCI Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PCI350-48H02SL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PCI350-48H02SL Datasheet HTML 1Page - List of Unclassifed Manufacturers PCI350-48H02SL Datasheet HTML 2Page - List of Unclassifed Manufacturers PCI350-48H02SL Datasheet HTML 3Page - List of Unclassifed Manufacturers PCI350-48H02SL Datasheet HTML 4Page - List of Unclassifed Manufacturers PCI350-48H02SL Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Connector Pinout
Pin #
Signal
1
+5V
2
+5V
3
+5V
4
+5V
5
GND
6
GND
7
GND
8
GND
9
GND
10
GND
11
GND
12
GND
13
+3.3V
14
+3.3V
15
+3.3V
16
+3.3V
17
GND
18
+12V
19
RSVD
20
RSVD
21
-12V
22
GND
23
GND
Pin #
Signal
24
+5S
25
EN#
26
-SENSE
27
+3.3S
28
RSVD
29
DEG#
30
+12S
31
INH#
32
+5l
33
+3.3I
34
+12I
35
FAIL#
36
CGND
37
N
38
L
Description
Remote sense for +5V oputput
Connect to GND to enable power supply
Remote sense return for +3.3V, + 5V, +12V outputs
Remote sense for +3.3V output
RESERVED
Open collector, low output when power supply is within
10° C of shutting down due to over-temperature
Remote sense for +12V output
Connect to GND to inhibit power supply
Connect to paralleled power supply for +5V current sharing
Connect to paralleled power supply for +3.3V current sharing
Connect to paralleled power supply for +12V current sharing
Open collector, low output when power supply has failed
Chassis ground
Neutral (AC) or 48V return (DC)
Line (AC) or -48V (DC)
PCI 350
TracewellPower
13 14
3
1
5
4
2
6
12
10
9
7
11
8
29
28
20
19
18
16
15
17
24
22
21
25
27
23
26
36
34
31
33
30
35
32
38
37
Output Power vs Temperature and Airflow
400 LFM
300 LFM
200 LFM
100 LFM
350
Ouput Power
(Watts)
20
300
250
200
150
100
50
0
30
40
50
60
70
Ambient Temp (°C)
Note: LFM is the airflow in feet per minute through the power supply fins and enclosure
350 Watt CompactPCI Power Supply
www.tracewellpower.com
1.800.811.1480
phone
614.847.9336
fax
614.847.9316
567 Enterprise Drive
Westerville, Ohio 43081


Similar Part No. - PCI350-48H02SL

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCI30 ALLIED-PCI30 Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-100M-RC ALLIED-PCI30-100M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-101M-RC ALLIED-PCI30-101M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-150M-RC ALLIED-PCI30-150M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-151M-RC ALLIED-PCI30-151M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
More results

Similar Description - PCI350-48H02SL

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
DNX350 CANDD-DNX350 Datasheet
448Kb / 4P
   350 WATT DC/DC POWER SUPPLY
NX350 CANDD-NX350 Datasheet
162Kb / 4P
   350 WATT DC/DC POWER SUPPLY
logo
TRACO Electronic AG
TXL350 TRACOPOWER-TXL350 Datasheet
369Kb / 4P
   AC/DC Enclosed Power Supply TXL 350 Series, 350 Watt
Rev. June 29, 2021
logo
Murata Power Solutions ...
CF350-A48C MURATA-PS-CF350-A48C Datasheet
126Kb / 4P
   350 Watt High Density AC/DC Power Supply
CF350-A24C MURATA-PS-CF350-A24C Datasheet
129Kb / 4P
   350 Watt High Density AC/DC Power Supply
CF350-A12C MURATA-PS-CF350-A12C Datasheet
129Kb / 4P
   350 Watt High Density AC/DC Power Supply
logo
CINCON ELECTRONICS Corp...
CFM351M CINCON-CFM351M Datasheet
336Kb / 2P
   350 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
logo
Murata Manufacturing Co...
TPS_CPCI350DC MURATA-TPS_CPCI350DC Datasheet
143Kb / 6P
   350W 6Ux8HP DC/DC CompactPCI Power Supply
TPS_CPCI420DC MURATA-TPS_CPCI420DC Datasheet
138Kb / 4P
   420W 6Ux8HP DC/DC CompactPCI Power Supply
logo
Advantech Co., Ltd.
MIC-3956 ADVANTECH-MIC-3956 Datasheet
612Kb / 2P
   3U CompactPCI DC110V input Power Supply Unit
7-Dec-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com