Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD6.8FM Datasheet(PDF) 3 Page - NEC

Part # RD6.8FM
Description  ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD6.8FM Datasheet(HTML) 3 Page - NEC

  RD6.8FM Datasheet HTML 1Page - NEC RD6.8FM Datasheet HTML 2Page - NEC RD6.8FM Datasheet HTML 3Page - NEC RD6.8FM Datasheet HTML 4Page - NEC RD6.8FM Datasheet HTML 5Page - NEC RD6.8FM Datasheet HTML 6Page - NEC RD6.8FM Datasheet HTML 7Page - NEC RD6.8FM Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D16083EJ1V0DS
3
RD2.0FM to RD120FM
ELECTRICAL CHARACTERISTICS (TA = 25 ±2°C)
(2/2)
Type Number
Class
Zener Voltage
Dynamic Impedance
Reverse Current
VZ (V)
Note1
ZZ (
Ω) Note2
IR (
µA)
MIN.
MAX.
IZ (mA)
MAX.
IZ (mA)
MAX.
VR (V)
RD75FM
B
70.0
79.0
2
250
2
5
57
RD82FM
B
77.0
87.0
2
270
2
5
63
RD91FM
B
85.0
96.0
2
340
2
5
69
RD100FM
B
94.0
106.0
2
430
2
5
76
RD110FM
B
104.0
116.0
2
530
2
5
84
RD120FM
B
114.0
126.0
2
620
2
5
91
Note 1. VZ is tested with pulsed (40 ms).
2. ZZ is measured at IZ by given a very small A.C. signal.


Similar Part No. - RD6.8FM

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RD6.8FM EIC-RD6.8FM Datasheet
92Kb / 2P
   ZENER DIODES
More results

Similar Description - RD6.8FM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com