Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28349B Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY28349B
Description  FTG for Intel Pentium 4 CPU and Chipsets
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28349B Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY28349B Datasheet HTML 2Page - Cypress Semiconductor CY28349B Datasheet HTML 3Page - Cypress Semiconductor CY28349B Datasheet HTML 4Page - Cypress Semiconductor CY28349B Datasheet HTML 5Page - Cypress Semiconductor CY28349B Datasheet HTML 6Page - Cypress Semiconductor CY28349B Datasheet HTML 7Page - Cypress Semiconductor CY28349B Datasheet HTML 8Page - Cypress Semiconductor CY28349B Datasheet HTML 9Page - Cypress Semiconductor CY28349B Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CY28349B
Document #: 38-07454 Rev. *A
Page 6 of 22
Data Byte Configuration Map
9
Write
9
Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
‘1xxxxxxx’ stands for byte operation
bit[6:0] of the command code represents the offset
of the byte to be accessed
11:18
Command Code – 8 bits
‘1xxxxxxx’ stands for byte operation
bit[6:0] of the command code represents the offset
of the byte to be accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29
Stop
28
Read
29
Acknowledge from slave
30:37
Data byte from slave – 8 bits
38
Not Acknowledge
39
Stop
Table 3. Byte Read and Byte Write Protocol (continued)
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
Data Byte 0
Bit
Pin#
Name
Description
Power On
Default
Bit 7
Spread Select2
‘000’ = OFF
‘001’ = Reserved
‘010’ = Reserved
‘011’ = Reserved
‘100’ = ± 0.25%
‘101’ = – 0.5%
‘110’ = ±0.5%
‘111’ = ±0.38%
0
Bit 6
Spread Select1
0
Bit 5
Spread Select0
0
Bit 4
SEL4
SW Frequency selection bits. See Table 4.0
Bit 3
SEL3
0
Bit 2
SEL2
0
Bit 1
SEL1
0
Bit 0
SEL0
0
Data Byte 1
Bit
Pin#
Name
Description
Power On
Default
Bit 7
38, 37
CPU1, CPU1#
(Active/Inactive)
1
Bit 6
41, 40
CPU0, CPU0#
(Active/Inactive)
1
Bit 5
22
48MHz
(Active/Inactive)
1
Bit 4
23
24_48MHz
(Active/Inactive)
1
Bit 3
27
3V66_3
(Active/Inactive)
1
Bit 2
28
3V66_2
(Active/Inactive)
1
Bit 1
30
3V66_1
(Active/Inactive)
1
Bit 0
31
3V66_0
(Active/Inactive)
1


Similar Part No. - CY28349B

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28349B SPECTRALINEAR-CY28349B Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28349BOC SPECTRALINEAR-CY28349BOC Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28349BOC CYPRESS-CY28349BOC Datasheet
494Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349BOCT SPECTRALINEAR-CY28349BOCT Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28349BOCT CYPRESS-CY28349BOCT Datasheet
494Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
More results

Similar Description - CY28349B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28323B CYPRESS-CY28323B Datasheet
299Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28344 SPECTRALINEAR-CY28344 Datasheet
217Kb / 21P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28324 CYPRESS-CY28324 Datasheet
184Kb / 23P
   FTG for Intel Pentium 4 CPU and Chipsets
CY28344 CYPRESS-CY28344 Datasheet
197Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
CY28325-3 CYPRESS-CY28325-3 Datasheet
266Kb / 19P
   FTG for VIA Pentium 4 Chipsets
CY28349B CYPRESS-CY28349B_05 Datasheet
494Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28325-3 SPECTRALINEAR-CY28325-3 Datasheet
206Kb / 18P
   FTG for VIA??Pentium 4??Chipsets
logo
Cypress Semiconductor
CY28325-2 CYPRESS-CY28325-2 Datasheet
343Kb / 19P
   FTG for VIA Pentium 4 Chipsets
CY28323 CYPRESS-CY28323 Datasheet
180Kb / 22P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349 SPECTRALINEAR-CY28349 Datasheet
233Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com