Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN2010L Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # VN2010L
Description  N-Channel Enhancement-Mode MOS Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

VN2010L Datasheet(HTML) 4 Page - TEMIC Semiconductors

  VN2010L Datasheet HTML 1Page - TEMIC Semiconductors VN2010L Datasheet HTML 2Page - TEMIC Semiconductors VN2010L Datasheet HTML 3Page - TEMIC Semiconductors VN2010L Datasheet HTML 4Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VN2010L/BS107
Siliconix
P-38283—
Rev. B (08/15/94)
4
Typical Characteristics (25_C Unless Otherwise Noted) (Cont'd)
Threshold Region
Capacitance
Normalized Effective Transient Thermal Impedance, JunctiontoAmbient (TO 226AA)
Gate Charge
Load Condition Effects on Switching
t1 - Square Wave Pulse Duration (sec)
ID - Drain Current (A)
VDS - DraintoSource Voltage (V)
VGS - GatetoSource Voltage (V)
Qg - Total Gate Charge (pC)
10
1
0.01
0
0.4
0.1
0.8
1.2
1.6
2.0
VDS = 5 V
TJ = 150°C
-55°C
0°C
60
50
40
0
010
50
30
20
20
30
40
10
Coss
Ciss
Crss
VGS = 0 V
f = 1 MHz
15.0
12.5
10.0
0
0
250
1250
7.5
5.0
500
750
1000
2.5
I D = 0.1 A
160 V
VDS = 100 V
0.01
0.1
1.0
100
10
1
50
20
5
2
VDD = 25 V
RG = 25 W
VGS = 0 to 10 V
10 K
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
1
0.01
0.1
0.01
0.1
1
100
10
1 K
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 156_C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
Notes:
PDM
t2
td(off)
td(on)
tr
tf


Similar Part No. - VN2010L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VN2010L VISHAY-VN2010L Datasheet
45Kb / 4P
   N-Channel 200-V (D-S) MOSFETs
Rev. C, 16-Jul-01
More results

Similar Description - VN2010L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VN0300 ETC1-VN0300 Datasheet
197Kb / 5P
   N-Channel Enhancement-Mode MOS Transistors
logo
TEMIC Semiconductors
VN10 TEMIC-VN10 Datasheet
112Kb / 5P
   N-Channel Enhancement-Mode MOS Transistors
logo
Calogic, LLC
VN0610LL CALOGIC-VN0610LL Datasheet
24Kb / 2P
   N-Channel Enhancement-Mode MOS Transistors
VN2222 CALOGIC-VN2222 Datasheet
24Kb / 2P
   N-Channel Enhancement-Mode MOS Transistors
logo
TEMIC Semiconductors
VN0610L TEMIC-VN0610L Datasheet
202Kb / 4P
   N-Channel Enhancement-Mode MOS Transistors
logo
New Jersey Semi-Conduct...
VN0610LL NJSEMI-VN0610LL Datasheet
133Kb / 2P
   N-Channel Enhancement-Mode MOS Transistors
VN67 NJSEMI-VN67 Datasheet
91Kb / 2P
   N-Channel Enhancement-Mode MOS Transistors
logo
STMicroelectronics
IRF620 STMICROELECTRONICS-IRF620 Datasheet
184Kb / 9P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
MTH40N06 STMICROELECTRONICS-MTH40N06 Datasheet
484Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com