Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC56U064NBCC-0QC00 Datasheet(PDF) 17 Page - Samsung semiconductor

Part # MC56U064NBCC-0QC00
Description  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC56U064NBCC-0QC00 Datasheet(HTML) 17 Page - Samsung semiconductor

Back Button MC56U064NBCC-0QC00 Datasheet HTML 13Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 14Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 15Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 16Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 17Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 18Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 19Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 20Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 21Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
MultiMediaCard
TM
17
4 MultiMediaCard Interface Description
4.1 Pin Assignments in MultiMediaCard Mode
Table 4-1 MultiMediaCard Pad Definition
Pin No.
Name
Type
*1
Description
1
RSV
NC
No connection
2
CMD
I/O/PP/OD
Command/Response
3
Vss1
S
Ground
4
Vcc
S
Power supply
5
CLK
I
Clock
6
Vss2
S
Ground
7
DAT
I/O/PP
Data
Note : 1. S: power supply; I: input; O: output; PP: push-pull; OD: open-drain; NC: No connection or VIH
Figure 4-1 MultiMediaCard Mode I/O drivers


Similar Part No. - MC56U064NBCC-0QC00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
MC56U032DCCA-2QC00 SAMSUNG-MC56U032DCCA-2QC00 Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
More results

Similar Description - MC56U064NBCC-0QC00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com