Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC56U064NBCC-0QC00 Datasheet(PDF) 63 Page - Samsung semiconductor

Part # MC56U064NBCC-0QC00
Description  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC56U064NBCC-0QC00 Datasheet(HTML) 63 Page - Samsung semiconductor

Back Button MC56U064NBCC-0QC00 Datasheet HTML 58Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 59Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 60Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 61Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 62Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 63Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 64Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 65Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 66Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
MultiMediaCard
TM
Figure 4-17 Timing diagram: Single block read transaction
Multiple Block Read - Stop Transmission is sent between blocks
The timing for de-asserting the CS signal after the last card response is identical to a standard
command/ response transaction
Figure 4-18 Timing diagram: Multiple block transaction, Stop transmission does not overlap data
Multiple Block Read - Stop Transmission is sent within a block
In an Open-ended (or host aborted) multiple block read transaction the stop transmission command may
be sent asynchronously to the data transmitted out of the card and may overlap the data block. In this
case the card will stop sending the data and transmit the response token as well. The delay between
command and response is standard NCR Clocks. The first byte, however, is not guaranteed to be all set
to ‘1’. The card is allowed up to two clocks to stop data transmission.
The timing for de-asserting the CS signal after the last card response is identical to a standard
command/ response transaction
Figure 4-19 Timing diagram: Multiple block transaction, Stop transmission overlaps data
• Reading the CSD register
The following timing diagram describes the SEND_CSD command bus transaction. The time-out values
between the response and the data block is NCX (Since the NAC is still unknown).
63


Similar Part No. - MC56U064NBCC-0QC00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
MC56U032DCCA-2QC00 SAMSUNG-MC56U032DCCA-2QC00 Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
More results

Similar Description - MC56U064NBCC-0QC00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com