Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC56U064NBCC-0QC00 Datasheet(PDF) 37 Page - Samsung semiconductor

Part # MC56U064NBCC-0QC00
Description  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC56U064NBCC-0QC00 Datasheet(HTML) 37 Page - Samsung semiconductor

Back Button MC56U064NBCC-0QC00 Datasheet HTML 33Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 34Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 35Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 36Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 37Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 38Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 39Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 40Page - Samsung semiconductor MC56U064NBCC-0QC00 Datasheet HTML 41Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
MultiMediaCard
TM
37
defined. The card will continuously transfer data blocks until a stop transmission command is
received.
* Multiple block read with pre-defined block count : The card will transfer the requested number of
data blocks, terminate the transaction and return to transfer state. Stop command is not required at
the end of this type of multiple block read, unless terminated with an error. In other to start multiple
block read with pre-defined block count, the host must use the SET_BLOCK COUNT
command(CMD23) immediately preceding the READ_MULTIPLE_BLOCK(CMD18) command.
Otherwise this card will start an open-ended multiple block read which can be stopped using the
STOP_TRANSMISSION command.
4.9.2 Block Write
Block write (CMD24 - 27) means that one or more blocks of data are transferred from the host to the
card with a CRC appended to the end of each block by the host. A card supporting block write must
always be able to accept a block of data defined by WRITE_BLK_LEN. If the CRC fails, the card will
indicate the failure on the DAT line; the transferred data will be discarded and not written and all further
transmitted blocks (in multiple block write mode) will be ignored. The write operation will also be
aborted if the host tries to write over a write-protected area. In this case, however, the card will set the
WP_VIOLATION bit. Programming of the CID and CSD register does not require a previous block
length setting. The transferred data is also CRC protected. The MultiMediaCard write operation follows
some special rules:
WRITE_MULTIPLE_BLOCK(CMD25) starts a transfer of several consecutive blocks. Two types of
multiple block write transactions, identical to the multiple block read, are defined (the host can use
either on at any time)
*
Open-ended Multiple block write : The number of blocks for the write multiple block operation is not
defined. The card will continuously accept and program data block until a stop transmission
command is received.
* Multiple block write with pre-defined block count : The card will transfer the requested number of data
blocks, terminate the transaction and return to transfer state. Stop command is not required at the
end of this type of multiple block write, unless terminated with an error. In other to start multiple
block write with pre-defined block count, the host must use the SET_BLOCK COUNT
command(CMD23) immediately preceding the WRITE_MULTIPLE_BLOCK(CMD25) command.
Otherwise this card will start an open-ended multiple block write which can be stopped using the
STOP_TRANSMISSION command.
The host can abort writing at any time, within a multiple block operation regardless of the its type.
Transaction abort is done by sending the stop transmission command. If a multiple block write with
predefined block count is aborted, the data in the remaining blocks is not defined.
4.9.3 Erase
The erasable unit is the Erase Group. Erase group is measured in write blocks which are the basic
writable units of the card. The size of the Erase group is a card specific parameter and defined in the
CSD.
The host can erase a contiguous range of Erase Groups. Starting the erase process is a three steps
sequence.
First
the
host
defines
the
start
address
of
the
range
using
the
ERASE_GROUP_START(CMD35) command, next it defines the last address of the range using the


Similar Part No. - MC56U064NBCC-0QC00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
MC56U032DCCA-2QC00 SAMSUNG-MC56U032DCCA-2QC00 Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
More results

Similar Description - MC56U064NBCC-0QC00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com