Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD2.0FM Datasheet(PDF) 4 Page - NEC

Part # RD2.0FM
Description  ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD2.0FM Datasheet(HTML) 4 Page - NEC

  RD2.0FM Datasheet HTML 1Page - NEC RD2.0FM Datasheet HTML 2Page - NEC RD2.0FM Datasheet HTML 3Page - NEC RD2.0FM Datasheet HTML 4Page - NEC RD2.0FM Datasheet HTML 5Page - NEC RD2.0FM Datasheet HTML 6Page - NEC RD2.0FM Datasheet HTML 7Page - NEC RD2.0FM Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D16083EJ1V0DS
4
RD2.0FM to RD120FM
TYPICAL CHARACTERISTICS (TA = 25°C)
Fig.1 P - TA RATING
0
100
200
0.5
1.0
TA - Ambient Temperature - ˚C
30 x 8 x 0.7
P.C.B (Ceramic)
Free Air
20 x 30 x 1.6
P.C.B (Glass Epoxy)
Fig.2 IZ - VZ CHARACTERISTICS (a to f)
1 n
1 n
01
2
3
4
VZ - Zener Voltage - V
567
8
9
100 m
10 m
1 m
100 n
10 n
07
8
9
10
VZ - Zener Voltage - V
11 12 13 14 15
RD9.1FM
RD10FM
RD11FM
RD12FM
RD13FM
RD8.2FM
RD7.5FM
RD6.8FM
RD6.2FM
RD5.6FM
RD5.1FM
RD4.7FM
RD4.3FM
RD3.9FM
RD3.6FM
RD3.3FM
RD3.0FM
RD2.7FM
RD2.4FM
RD2.2FM
RD2.0FM
(a)
(b)
100
µ
10
µ
1
µ
100 m
10 m
1 m
100 n
10 n
100
µ
10
µ
1
µ


Similar Part No. - RD2.0FM

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RD2.0FM EIC-RD2.0FM Datasheet
92Kb / 2P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
RD2.0FM SUNMATE-RD2.0FM Datasheet
453Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - RD2.0FM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com