Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM64P155 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM64P155
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64P155 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM64P155 Datasheet HTML 5Page - OKI electronic componets MSM64P155 Datasheet HTML 6Page - OKI electronic componets MSM64P155 Datasheet HTML 7Page - OKI electronic componets MSM64P155 Datasheet HTML 8Page - OKI electronic componets MSM64P155 Datasheet HTML 9Page - OKI electronic componets MSM64P155 Datasheet HTML 10Page - OKI electronic componets MSM64P155 Datasheet HTML 11Page - OKI electronic componets MSM64P155 Datasheet HTML 12Page - OKI electronic componets MSM64P155 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
MSM64P155/64P155L
¡ Semiconductor
9/29
Secondary Functions
I
P2.0 to P2.3 secondary functions :
These are level-triggered external interrupt input pins.
Select interrupt enable/disable for each bit with the P2 interrupt
enable register (P2IE).
If P2.0 to P2.3 pins are set to "H" level for a minimum of 2 seconds,
the device enters system reset mode.
P2.0, P2.1 secondary functions :
trigger input pins for capture circuit.
8
7
6
5
External
Interrupts
I
P3.0 secondary function :
This is an input pin for external interrupt. This pin can receive an
interrupt at a rising edge, a falling edge, or at both rising and falling
edges.
10
I
P6.0 to P6.3 secondary functions :
These are level-triggered external interrupt input pins.
18
17
16
15
I
P7.0 to P7.3 secondary functions :
These are level-triggered external interrupt input pins.
22
21
20
19
I
P3.1 secondary function :
Input port for event counter
9
Event
Counter
Input
Pin
Description
Type
Function
P2.0
P2.1
P2.2
P2.3
P3.0
P6.0
P6.1
P6.2
P6.3
P7.0
P7.1
P7.2
P7.3
P3.1
Symbol


Similar Part No. - MSM64P155

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64P164 OKI-MSM64P164 Datasheet
267Kb / 37P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
More results

Similar Description - MSM64P155

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
   Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
ML63293 OKI-ML63293 Datasheet
54Kb / 5P
   4-Bit Microcontroller with Built-in LCD Driver ( 68SEG. 32COM. ) and Melody Circuit
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
   4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
   Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com