Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3514 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3514
Description  PC POWER-SUPPLY SUPERVISORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3514 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3514 Datasheet HTML 5Page - Texas Instruments TPS3514 Datasheet HTML 6Page - Texas Instruments TPS3514 Datasheet HTML 7Page - Texas Instruments TPS3514 Datasheet HTML 8Page - Texas Instruments TPS3514 Datasheet HTML 9Page - Texas Instruments TPS3514 Datasheet HTML 10Page - Texas Instruments TPS3514 Datasheet HTML 11Page - Texas Instruments TPS3514 Datasheet HTML 12Page - Texas Instruments TPS3514 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TPS3514
SLVS422A – JULY 2003
www.ti.com
9
Furthermore, motherboards should be designed to
comply with the above recommended timing. If timings
other than these are implemented or required, this
information should be clearly specified.
The TPS3514 family of power-supply supervisors
provides a PGO for the 3.3V and 5V supply voltage rails
and a separate Power-Good Input (PGI). An internal
timer is used to generate a 300ms power-good delay.
If the voltage signals at PGI, VS33, and VS5 rise above
the under-voltage threshold, the open-drain PGO will go
HIGH after a delay of 300ms. When the PGI voltage or
any of the 3.3V/5V rail drops below the under-voltage
threshold, PGO will be disabled immediately.
POWER-SUPPLY REMOTE ON/OFF (PSON) AND
FAULT PROTECT OUTPUT (FPO)
Since the latest personal computer generation focuses
on easy turn-on and power–saving functions, the PC
power supply will require two characteristics. One is a
DC power-supply remote on/off function; the other is
standby voltage to achieve very low power consumption
of the PC system. Thus, requiring the main power
supply to be shut down.
The power-supply remote on/off (PSON) is an
active-LOW signal that turns on all of the main power
rails including the 3.3V, 5V, –5V, and –12V power rails.
When this signal is held HIGH by the PC motherboard
or left open-circuited, the signal of the Fault Protect
Output (FPO) also goes HIGH. In this condition, the
main power rails should not deliver current and should
be held at 0V.
When the FPO signal is held HIGH due to an occurring
fault condition, the fault status will be latched and the
outputs of the main power rails should not deliver
current and should be held at 0V. Toggling PSON from
LOW to HIGH will reset the fault protection latch. During
this fault condition, only the standby power is not
affected.
When PSON goes from HIGH to LOW or LOW to HIGH,
the 38ms debounce block will prevent a glitch on the
input from disabling/enabling the FPO output. During
the HIGH to LOW transition, the under-voltage function
is disabled to prevent turn-on failure.
Power should be delivered to the rails only if the PSON
signal is held at ground potential, thus, FPO is active
LOW. The FPO pin can be connected to 5VDC (or up to
15VDC) through a pull-up resistor.
UNDER-VOLTAGE PROTECTION (UVP)
The TPS3514 provides Under-Voltage Protection
(UVP) for the 12V rail and Under-Voltage Detect (UVD)
for the 3.3V and 5V rails. When an under-voltage
condition appears at the VS12 input pin for more than
150
µs, the FPO output goes HIGH and PGO goes LOW.
Also, this fault condition will be latched until PSON is
toggled from LOW to HIGH or VDD is removed.
OVER-CURRENT PROTECTION (OCP)
In bridge, or forward type, off-line switching power
supplies, usually designed for medium to large power,
the overload protection design needs to be very precise.
Most of these types of power supplies sense the output
current for an overload condition. The trigger-point
needs to be set higher than the maximum load in order
to prevent false turn-on.
The TPS3514 provides Over-Current Protection (OCP)
for the 3.3V, 5V, and 12V rails. When an over-current
condition appears at the OCP comparator input pins for
more than 73
µs, the FPO output goes HIGH and PGO
goes LOW. Also, this fault condition will be latched until
PSON is toggled from LOW to HIGH or VDD is removed.
The resistor connected between the RI pin and the GND
pin will create a precise I(REF) for the OCP function. The
formula for choosing the RI resistor is V(RI)/I(REF). The
I(REF) range is from 12.5µA to 62.5µA. Three OCP
comparators and the I(REF) section are supplied through
the V12 pin. Current drawn from the VS12 pin is less
than 1mA.


Similar Part No. - TPS3514

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI1-TPS3510 Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510D TI-TPS3510D Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510D TI1-TPS3510D Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510DG4 TI1-TPS3510DG4 Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results

Similar Description - TPS3514

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com