Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SSD1815B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. SSD1815B
Description  LCD Segment / Common Driver with Controller
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

SSD1815B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
6
SOLOMON
SSD1815B
Rev 1.6
07/2002
Table 2 SSD1815B Gold Bump Die Pad Coordinates
PAD #
NAME
X
Y
PAD #
NAME
X
Y
PAD #
NAME
X
Y
1
ROW53
-4958.45
-751.98
61
C2N
266.70
-771.93
116
ROW19
5285.18
-768.78
2
ROW54
-4882.15
-751.98
62
C2N
355.60
-771.93
117
ROW18
5285.18
-692.48
3
ROW55
-4805.85
-751.98
63
C2N
444.50
-771.93
118
ROW17
5285.18
-616.18
4
ROW56
-4729.55
-751.98
64
C2N
533.40
-771.93
119
ROW16
5285.18
-539.88
5
ROW57
-4653.25
-751.98
65
C2P
622.30
-771.93
120
ROW15
5285.18
-463.58
6
ROW58
-4576.95
-751.98
66
C2P
711.20
-771.93
121
ROW14
5285.18
-387.28
7
ROW59
-4500.65
-751.98
67
C2P
800.10
-771.93
122
ROW13
5285.18
-310.98
8
ROW60
-4424.35
-751.98
68
VSS
889.00
-771.93
123
ROW12
5285.18
-234.68
9
ROW61
-4348.05
-751.98
69
VSS
977.90
-771.93
124
ROW11
5285.18
-158.38
10
ROW62
-4271.75
-751.98
70
VFS
1066.80
-771.93
125
ROW10
5285.18
-82.08
11
ROW63
-4195.45
-751.98
71
VFS
1155.70
-771.93
126
ROW9
5285.18
-5.78
12
ICONS
-4119.15
-751.98
72
VDD
1244.60
-771.93
127
ROW8
5285.18
70.53
13
NC
-4000.50
-771.93
73
VDD
1333.50
-771.93
128
ROW7
5285.18
146.83
14
MSTAT
-3911.60
-771.93
74
VL2
1422.40
-771.93
129
ROW6
5285.18
223.13
15
M
-3822.70
-771.93
75
VL2
1511.30
-771.93
130
ROW5
5285.18
299.43
16
CL
-3733.80
-771.93
76
VL3
1600.20
-771.93
131
ROW4
5285.18
375.73
17
/DOF
-3644.90
-771.93
77
VL3
1689.10
-771.93
132
ROW3
5285.18
452.03
18
VSS
-3556.00
-771.93
78
VL3
1778.00
-771.93
133
ROW2
5285.18
528.33
19
/CS1
-3467.10
-771.93
79
VL4
1866.90
-771.93
134
ROW1
5285.18
604.63
20
CS2
-3378.20
-771.93
80
VL4
1955.80
-771.93
135
ROW0
5285.18
680.93
21
VDD
-3289.30
-771.93
81
VL4
2044.70
-771.93
136
ICONS
5285.18
757.23
22
/RES
-3200.40
-771.93
82
VL5
2133.60
-771.93
23
D/C
-3111.50
-771.93
83
VL5
2222.50
-771.93
24
VSS
-3022.60
-771.93
84
VL6
2311.40
-771.93
25
R/W
-2933.70
-771.93
85
VL6
2400.30
-771.93
26
E/RD
-2844.80
-771.93
86
VL6
2489.20
-771.93
27
VDD
-2755.90
-771.93
87
VF
2578.10
-771.93
28
D 0
-2667.00
-771.93
88
VF
2667.00
-771.93
29
D 1
-2578.10
-771.93
89
VDD
2755.90
-771.93
30
D 2
-2489.20
-771.93
90
VDD
2844.80
-771.93
31
D 3
-2400.30
-771.93
91
NC
2933.70
-771.93
32
D 4
-2311.40
-771.93
92
NC
3022.60
-771.93
33
D 5
-2222.50
-771.93
93
VDD
3111.50
-771.93
34
D 6
-2133.60
-771.93
94
M/S
3200.40
-771.93
35
D 7
-2044.70
-771.93
95
CLS
3289.30
-771.93
36
VDD
-1955.80
-771.93
96
VSS
3378.20
-771.93
37
VDD
-1866.90
-771.93
97
C68/80
3467.10
-771.93
38
VDD
-1778.00
-771.93
98
P/S
3556.00
-771.93
39
VDD
-1689.10
-771.93
99
VDD
3644.90
-771.93
40
VSS
-1600.20
-771.93
100
/HPM
3733.80
-771.93
41
VSS
-1511.30
-771.93
101
VSS
3822.70
-771.93
42
VSS
-1422.40
-771.93
102
IRS
3911.60
-771.93
43
VSS1
-1333.50
-771.93
103
VDD
4000.50
-771.93
44
VSS1
-1244.60
-771.93
104
ROW31
4119.15
-751.98
45
VSS1
-1155.70
-771.93
105
ROW30
4195.45
-751.98
46
VSS1
-1066.80
-771.93
106
ROW29
4271.75
-751.98
47
VEE
-977.90
-771.93
107
ROW28
4348.05
-751.98
48
VEE
-889.00
-771.93
108
ROW27
4424.35
-751.98
49
VEE
-800.10
-771.93
109
ROW26
4500.65
-751.98
50
VEE
-711.20
-771.93
110
ROW25
4576.95
-751.98
51
C3N
-622.30
-771.93
111
ROW24
4653.25
-751.98
52
C3N
-533.40
-771.93
112
ROW23
4729.55
-751.98
53
C3N
-444.50
-771.93
113
ROW22
4805.85
-751.98
54
C3N
-355.60
-771.93
114
ROW21
4882.15
-751.98
55
C1P
-266.70
-771.93
115
ROW20
4958.45
-751.98
56
C1P
-177.80
-771.93
57
C1P
-88.90
-771.93
58
C1N
0.00
-771.93
59
C1N
88.90
-771.93
60
C1N
177.80
-771.93
Die Size:
10.977mm
X
1.912mm
Bump Size:
Pad #
X [um]
Y [um]
Pad #
X [um]
Y [um]
Pad #
X [um]
Y [um]
Pad #
X [um]
Y [um]
1 - 12
43.5
101.6
116 - 136
101.6
43.5
137 - 268
43.5
101.6
269 - 289
101.6
43.5
13 - 103
61.7
61.7
104 - 115
43.5
101.6
x
Y
(0,0)
PIN 1
PIN115
PIN137
PIN268
Gold bump width tolerance: +/- 3um.
Die Size: 10.977mm X 1.912mm
Bump Height:
- nominal: 18um
- tolerance:<4um (within die)
<6um (within wafer)
<8um (within lot)
Unit in um unless otherwise specified.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SSD1850CMOS LCD Segment / Common Driver with Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SSD1854LCD Segment / Common Driver with Controller CMOS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SSD1809LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SSD1852LCD Segment / Common Driver With Controller CMOS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SSD1800LCD Segment / Common Driver with Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SSD0817LCD Segment / Common Driver with Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MSM6665DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER 1 2 3 4 5 MoreOKI electronic componets
SSD1818ALCD Segment / Common Driver with Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MSM6665CDOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER 1 2 3 4 5 MoreOKI electronic componets
SSD1783132 RGB x 160 CSTN LCD Segment / Common COLOR Driver with Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn