Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SSD1815B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. SSD1815B
Description  LCD Segment / Common Driver with Controller
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

SSD1815B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
5
SOLOMON
SSD1815B
Rev1.6
07/2002
PIN ARRANGEMENT
Figure 2 SSD1815B Gold Bump Die Pin Assignment
ROW20
ROW21
:
:
ROW30
ROW31
VDD
IRS
VSS
/HPM
VDD
P/S
C68/80
VSS
CLS
M/S
VDD
NC
NC
VDD
VDD
VF
VF
VL6
VL6
VL6
VL5
VL5
VL4
VL4
VL4
VL3
VL3
VL3
VL2
VL2
VDD
VDD
VFS
VFS
VSS
VSS
C2P
C2P
C2P
C2N
C2N
C2N
C2N
C1N
C1N
C1N
C1P
C1P
C1P
C3N
C3N
C3N
C3N
VEE
VEE
VEE
VEE
VSS1
VSS1
VSS1
VSS1
VSS
VSS
VSS
VDD
VDD
VDD
VDD
D7 (SDA)
D6 (SCK)
D5
D4
D3
D2
D1
D0
VDD
E(/RD)
R/W(/WR)
VSS
D/C
/RES
VDD
CS2
/CS1
VSS
/DOF
CL
M
MSTAT
NC
ICONS
ROW63
ROW62
ROW61
:
:
ROW54
ROW53
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
SEG16
SEG17
SEG18
SEG19
SEG20
SEG110
SEG111
SEG112
SEG113
SEG114
SEG115
SEG116
SEG117
SEG118
SEG119
SEG120
SEG121
SEG122
SEG123
SEG124
SEG125
SEG126
SEG127
SEG128
SEG129
SEG130
SEG131
PIN #1
:
:
:
:
1
115
137
268
Gold Bump Alignment Mark
This alignment mark contains gold bump for IC
bumping process alignment and IC identifica-
tions. No conductive tracks should be laid under-
neath this mark to avoid short circuit.
Note:
1. This diagram showing Die Face Up view.
2. Coordinates and Size of all alignment marks
are in unit um and w.r.t. center of the chip.
Die Size:
10.977mm X 1.912mm
Die Thickness:
550 +/-25um
Bump Pitch:
76.2 um [Min]
Bump Height:
Nominal 18um
Tolerance <4um within die
<8um within lot


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SSD1850CMOS LCD Segment / Common Driver with Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SSD1854LCD Segment / Common Driver with Controller CMOS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SSD1809LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SSD1852LCD Segment / Common Driver With Controller CMOS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SSD1800LCD Segment / Common Driver with Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SSD0817LCD Segment / Common Driver with Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MSM6665DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER 1 2 3 4 5 MoreOKI electronic componets
SSD1818ALCD Segment / Common Driver with Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MSM6665CDOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER 1 2 3 4 5 MoreOKI electronic componets
SSD1783132 RGB x 160 CSTN LCD Segment / Common COLOR Driver with Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn