Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI350-AC01SS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PCI350-AC01SS
Description  350 Watt CompactPCI Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PCI350-AC01SS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PCI350-AC01SS Datasheet HTML 1Page - List of Unclassifed Manufacturers PCI350-AC01SS Datasheet HTML 2Page - List of Unclassifed Manufacturers PCI350-AC01SS Datasheet HTML 3Page - List of Unclassifed Manufacturers PCI350-AC01SS Datasheet HTML 4Page - List of Unclassifed Manufacturers PCI350-AC01SS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Backplane Connector Location
Power backplanes are available for both the AC and 48V power supplies: 2-slot (for one power supply)
and 4-slot (for two power supplies). Consult factory for details.
Configuration
AC and 48V
Input Versions
Optional High-Profile
Cooling Fin Version
(48V input only)
BACKPLANE POWER
CONNECTOR LOCATION
VIEWED FROM THE
FRONT OF THE CAGE
BACKPLANE POWER
CONNECTOR LOCATION
VIEWED FROM THE
FRONT OF THE CAGE
Example: PCI350-AC01SL
AC version with 01 output configuration, standard front panel and low profile handles
PCI350 - __ __ __ __
S
Standard handles
L
Low-profile handles
T
Mounting screws only (no handles)
N
No handles or mounting screws
S
Standard front panel
N
No front panel
01
5V/40A, 3.3V/25A, 12V/9A, -12V/2A
02
5V/50A, 3.3V/25A, 12V/9A, -12V/2A
03
3.3V/50A, 5V/20A, 12V/9A, -12V/2A
04
3.3V/60A, 5V/20A, 12V/9A, -12V/2A
AC
Wide range AC input
48
48V DC input
48H
48V DC input with high-profile cooling fins
350 Watt CompactPCI Power Supply
PCI 350
TracewellPower
0.688
17.48mm
0.517
13.14mm
0.680
17.27mm
5.485
139.32mm
0.204
5.18mm
0.680
17.27mm
0.375
9.53mm
5.485
139.32mm
Note: Please reference Section 4 (Mechanical Requirements) of the CompactPCI Specification PICMG 2.0 R2.1
www.tracewellpower.com
1.800.811.1480
phone
614.847.9336
fax
614.847.9316
567 Enterprise Drive
Westerville, Ohio 43081


Similar Part No. - PCI350-AC01SS

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCI30 ALLIED-PCI30 Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-100M-RC ALLIED-PCI30-100M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-101M-RC ALLIED-PCI30-101M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-150M-RC ALLIED-PCI30-150M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-151M-RC ALLIED-PCI30-151M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
More results

Similar Description - PCI350-AC01SS

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
DNX350 CANDD-DNX350 Datasheet
448Kb / 4P
   350 WATT DC/DC POWER SUPPLY
NX350 CANDD-NX350 Datasheet
162Kb / 4P
   350 WATT DC/DC POWER SUPPLY
logo
TRACO Electronic AG
TXL350 TRACOPOWER-TXL350 Datasheet
369Kb / 4P
   AC/DC Enclosed Power Supply TXL 350 Series, 350 Watt
Rev. June 29, 2021
logo
Murata Power Solutions ...
CF350-A48C MURATA-PS-CF350-A48C Datasheet
126Kb / 4P
   350 Watt High Density AC/DC Power Supply
CF350-A24C MURATA-PS-CF350-A24C Datasheet
129Kb / 4P
   350 Watt High Density AC/DC Power Supply
CF350-A12C MURATA-PS-CF350-A12C Datasheet
129Kb / 4P
   350 Watt High Density AC/DC Power Supply
logo
CINCON ELECTRONICS Corp...
CFM351M CINCON-CFM351M Datasheet
336Kb / 2P
   350 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
logo
Murata Manufacturing Co...
TPS_CPCI350DC MURATA-TPS_CPCI350DC Datasheet
143Kb / 6P
   350W 6Ux8HP DC/DC CompactPCI Power Supply
TPS_CPCI420DC MURATA-TPS_CPCI420DC Datasheet
138Kb / 4P
   420W 6Ux8HP DC/DC CompactPCI Power Supply
logo
Advantech Co., Ltd.
MIC-3956 ADVANTECH-MIC-3956 Datasheet
612Kb / 2P
   3U CompactPCI DC110V input Power Supply Unit
7-Dec-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com