Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC3235MODS Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CC3235MODS
Description  SimpleLinkTM Wi-Fi CERTIFIED Dual-Band Wireless MCU Module
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODS Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC3235MODS Datasheet HTML 35Page - Texas Instruments CC3235MODS Datasheet HTML 36Page - Texas Instruments CC3235MODS Datasheet HTML 37Page - Texas Instruments CC3235MODS Datasheet HTML 38Page - Texas Instruments CC3235MODS Datasheet HTML 39Page - Texas Instruments CC3235MODS Datasheet HTML 40Page - Texas Instruments CC3235MODS Datasheet HTML 41Page - Texas Instruments CC3235MODS Datasheet HTML 42Page - Texas Instruments CC3235MODS Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
39
CC3235MODS, CC3235MODSF
www.ti.com
SWRS224 – FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODS CC3235MODSF
Specifications
Copyright © 2019, Texas Instruments Incorporated
(1)
Measurements taken at maximum TX power
(2)
The CC3235x system is a constant power-source system. The active current numbers scale based on the VBAT voltage supplied.
(3)
Typical numbers assume a VSWR of 1.5:1.
(4)
DTIM = 1
(5)
LPDS current does not include the external serial flash. The LPDS number of reported is with retention of 256KB of MCU SRAM. The
CC3235x device can be configured to retain 0KB, 64KB, 128KB, 192KB, or 256KB of SRAM in LPDS. Each 64-KB block of MCU
retained SRAM increases LPDS current by 4 µA.
(6)
The complete calibration can take up to 17 mJ of energy from the battery over a period of 24 ms. Calibration is performed sparingly,
typically when coming out of HIBERNATE and only if temperature has changed by more than 20°C. The calibration event can be
controlled by a configuration file in the serial flash.
Table 4-4. Current Consumption Summary (CC3235SF) 5 GHz RF Band
TA = 25°C, VBAT = 3.6 V
PARAMETER
TEST CONDITIONS(1) (2)
MIN
TYP(3)
MAX
UNIT
MCU ACTIVE
NWP ACTIVE
TX
6 OFDM
329
mA
54 OFDM
306
RX
54 OFDM
80
NWP idle connected(4)
25.2
MCU SLEEP
NWP ACTIVE
TX
6 OFDM
325
mA
54 OFDM
302
RX
54 OFDM
76
NWP idle connected(4)
21.2
MCU LPDS
NWP active
TX
6 OFDM
312
mA
54 OFDM
289
RX
54 OFDM
63
NWP LPDS(5)
120 µA at 64KB
135 µA at 256KB
135
µA
NWP idle connected(4)
710
MCU
SHUTDOWN
MCU shutdown
1
µA
MCU
HIBERNATE
MCU hibernate
5
µA
Peak calibration current(6)
VBAT = 3.6 V
290
mA
VBAT = 3.3 V
310
VBAT = 2.7 V
310
VBAT = 2.3 V
333


Similar Part No. - CC3235MODS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3235MODS TI1-CC3235MODS Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODSF TI1-CC3235MODSF Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODSF12MOB TI1-CC3235MODSF12MOB Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODSF12MOBR TI1-CC3235MODSF12MOBR Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODSM2MOB TI1-CC3235MODSM2MOB Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results

Similar Description - CC3235MODS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODAS TI1-CC3235MODAS Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3220MOD TI1-CC3220MOD_17 Datasheet
1Mb / 88P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
[Old version datasheet]   SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
logo
World Produts Inc.
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
   Dual-band Wi-Fi Embedded Antenna
WPANT30094-R1A WPI-WPANT30094-R1A Datasheet
68Kb / 2P
   Wi-Fi Dual-band Stubby Antenna
WPANT10064 WPI-WPANT10064 Datasheet
86Kb / 2P
   Dual-band Wi-Fi / WLAN Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com