Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NNCD68H Datasheet(PDF) 1 Page - NEC

Part # NNCD68H
Description  LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD68H Datasheet(HTML) 1 Page - NEC

  NNCD68H Datasheet HTML 1Page - NEC NNCD68H Datasheet HTML 2Page - NEC NNCD68H Datasheet HTML 3Page - NEC NNCD68H Datasheet HTML 4Page - NEC NNCD68H Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
NNCD5.6H, NNCD6.8H
DATA SHEET
Document No. D15419EJ1V0DS00 (1st edition)
Date Published April 2003 NS CP(K)
Printed in Japan
ESD NOISE CLIPPING DIODE
2002
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE
(QUAD TYPE: COMMON ANODE)
5-PIN SUPER SMALL MINI MOLD
PACKAGE DRAWING (Unit: mm)
2.1
± 0.1
1.25
15
2
34
ELECTRODE CONNECTION
54
13
2
1. K1:
2. A:
3. K2:
4. K3:
5. K4:
Cathode1
Anode (common)
Cathode2
Cathode3
Cathode4
DESCRIPTION
This product series is a low capacitance type diode developed for ESD
(Electrostatic Discharge) absorption. Based on the IEC-61000-4-2 test on
electromagnetic interference (EMI), the diode assures an endurance of no
less then 30 kV, thus making itself most suitable for external interface
circuit protection.
With four elements mounted in the 5-pin super mini mold package, that
product can cope with more high density assembling.
FEATURES
• Base on the electrostatic discharge immunity test (IEC 61000-4-2)
product assures the minimum endurance of 30 kV.
• With 4 elements mounted (common anode).
Mounted in the SC-88A package, the product cans achiever high
density and automatic packaging.
APPLICATIONS
• External interface circuit ESD absorption
• Circuits for Waveform clipper, Surge absorber
MAXIMUM RATINGS (TA = 25°C)
ITEM
SYMBOL
RATING
UNIT
REMARK
Power Dissipation
P
200
mW
Total
Surge Reverse Power
PRSM
85 (t = 10
µs, 1 pulse)
W
Junction Temperature
Tj
150
oC
Storage Temperature
Tstg
−55 to +150
oC


Similar Part No. - NNCD68H

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD68PG NEC-NNCD68PG Datasheet
36Kb / 6P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
NNCD68PH NEC-NNCD68PH Datasheet
39Kb / 6P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN SUPER SMALL MINI MOLD
NNCD68PL NEC-NNCD68PL Datasheet
38Kb / 5P
   5-PIN SUPER SMALL MINI MOLD FLAT LEAD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUAD TYPE: COMMON ANODE
NNCD68RG NEC-NNCD68RG Datasheet
46Kb / 6P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
More results

Similar Description - NNCD68H

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD12A NEC-NNCD12A Datasheet
47Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 400 mW TYPE
NNCD68RG NEC-NNCD68RG Datasheet
46Kb / 6P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
NNCD68PG NEC-NNCD68PG Datasheet
36Kb / 6P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
NNCD12B NEC-NNCD12B Datasheet
43Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
NNCD12C NEC-NNCD12C Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 150 mW TYPE
NNCD12D NEC-NNCD12D Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
NNCD12E NEC-NNCD12E Datasheet
40Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
NNCD56MG NEC-NNCD56MG Datasheet
35Kb / 4P
   LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 5-PIN MINI MOLD
NNCD62MF NEC-NNCD62MF Datasheet
36Kb / 4P
   LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 3-PIN MINI MOLD
NNCD6.8RH NEC-NNCD6.8RH Datasheet
48Kb / 6P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE (QUARTO TYPE: COMMON ANODE) 5-PIN SUPER SMALL MINI MOLD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com