Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MNLM193A-X Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MNLM193A-X
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNLM193A-X Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MNLM193A-X Datasheet HTML 1Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 2Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 3Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 4Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 5Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 6Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 7Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 8Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Original Creation Date: 05/18/95
Last Update Date: 06/14/04
Last Major Revision Date: 09/02/97
MNLM193A-X REV 1B3
MICROCIRCUIT DATA SHEET
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
General Description
The LM193A consists of two independent precision voltage comparators with an offset
voltage specification as low as 2.0mV max for two comparators which were designed
specifically to operate from a single power supply over a wide range of voltages.
Operation from split power supplies is also possible and the low power supply current
drain is independent of the magniture of the power supply voltage. These comparators also
have a unique characteristic in that the input common-mode voltage range includes ground,
even though operated from a single power supply voltage.
Application areas include limit comparators, simple analog to digital converters; pulse,
squarewave and time delay generators; wide range VCO; MOS clock timers; multivibrators and
high voltage digital logic gates. The LM193A was designed to directly interface with TTL
and CMOS. When operated from both plus and minus power supplies, the LM193A will directly
interface with MOS logic where their low power drain is a distinct advantage over standard
comparators.
NS Part Numbers
LM193AH-QMLV
LM193AH/883
LM193AJ-QMLV
LM193AJ/883
Industry Part Number
LM193A
Prime Die
LM193A
Controlling Document
See Features Page
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - MNLM193A-X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM101A-X NSC-MNLM101A-X Datasheet
32Kb / 5P
   OPERATION AMPLIFIER
MNLM129A-X NSC-MNLM129A-X Datasheet
14Kb / 4P
   PRECISION REFERENCE
MNLM136A NSC-MNLM136A Datasheet
110Kb / 8P
   2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5
MNLM136A-2.5-X NSC-MNLM136A-2.5-X Datasheet
110Kb / 8P
   2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5
MNLM136A-2.5-X-RH NSC-MNLM136A-2.5-X-RH Datasheet
110Kb / 8P
   2.5V REFERENCE DIODE, GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5
More results

Similar Description - MNLM193A-X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com