Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MNLM193A-X Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. MNLM193A-X
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNLM193A-X Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MNLM193A-X Datasheet HTML 1Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 2Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 3Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 4Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 5Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 6Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 7Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 8Page - National Semiconductor (TI) MNLM193A-X Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MICROCIRCUIT DATA SHEET
MNLM193A-X REV 1B3
(Absolute Maximum Ratings)
(Note 1)
Supply Voltage, V+
36Vdc or +18Vdc
Differential Input Voltage
(Note 6)
36Vdc
Input Voltage
-0.3Vdc to +36Vdc
Input Current (Vin < -0.3 Vdc)
(Note 5)
50mA
Maximum Junction Temperature
150 C
Power Dissipation
(Note 2, 3)
660mW
METAL CAN
780mW
CERDIP
Output Short-Circuit to Gnd
(Note 4)
Continuous
Operating Temperature Range
-55 C to +125 C
Thermal Resistance
ThetaJA
174 C/W
METAL CAN
(Still Air)
99 C/W
(500LF/Min Air flow)
146 C/W
CERDIP
(Still Air)
85 C/W
(500LF/Min Air flow)
ThetaJC
44 C/W
METAL CAN
33 C/W
CERDIP
Lead Temperature
+260 C
(Soldering, 10 seconds)
ESD Tolerance
(Note 7)
500V
Note 1:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Operating Ratings indicate conditions for which the device is functional, but do not
guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply
only for the test conditions listed. Some performance characteristics may degrade
when the device is not operated under the listed test conditions.
Note 2:
The maximum power dissipation must be derated at elevated temperatures and is
dictated by Tjmax (maximum junction temperature ), ThetaJA (package junction to
ambient thermal resistance), and TA (ambient temperature). The maximum allowable
power dissipation at any temperature is Pdmax = (Tjmax - TA)/ThetaJA or the number
given in the Absolute Maximum Ratings, whichever is lower.
Note 3:
The LM193A must be derated based on a 150 C maximum junction temperature. The low
bias dissipation and the ON-OFF characteristic of the outputs keeps the chip
dissipation very small (PD<100mV), provided the output transistors are allowed to
saturate.
Note 4:
Short circuits from the output to V+ can cause excessive heating and eventual
destruction. When considering short circuits to ground, the maximum output current is
approximately 20mA independent of the magnitude of V+.
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM193 Low Power Low Offset Voltage Dual Comparators 1  2  3  4  5  More National Semiconductor (TI)
LM193JAN Low Power Low Offset Voltage Dual Comparators 1  2  3  4  5  More National Semiconductor (TI)
AP393 Low Power Low Offset Voltage Dual Comparators 1  2  3  4  5  More Anachip Corp
AZ393 LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1  2  3  4  5  More List of Unclassifed Manufacturers
IL393N LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1  2  List of Unclassifed Manufacturers
SL393 Low Power Low Offset Voltage Dual Comparators 1  2  3  4  System Logic Semiconductor
NTE943 Integrated Circuit Low Power Low Offset Dual Voltage Comparator 1  2  3  4  5  NTE Electronics
LM2903 LOW POWER DUAL VOLTAGE COMPARATORS 1  2  3  4  5  More STMicroelectronics
LM139JAN Low Power Low Offset Voltage Quad Comparators 1  2  3  4  5  More National Semiconductor (TI)
TS372C LOW POWER DUAL CMOS VOLTAGE COMPARATORS 1  2  3  4  5  STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn