Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BN1F4Z Datasheet(PDF) 1 Page - NEC

Part # BN1F4Z
Description  on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

BN1F4Z Datasheet(HTML) 1 Page - NEC

  BN1F4Z Datasheet HTML 1Page - NEC BN1F4Z Datasheet HTML 2Page - NEC BN1F4Z Datasheet HTML 3Page - NEC BN1F4Z Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1998
©
Document No. D13586EJ1V0DS00 (1st edition)
Date Published April 2002 N CP(K)
Printed in Japan
COMPOUND TRANSISTOR
BN1F4Z
on-chip resistor PNP silicon epitaxial transistor
For mid-speed switching
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
On-chip bias resistor
(R1 = 22 k
Ω)
Complementary transistor with BA1F4Z
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
−60
V
Collector to emitter voltage
VCEO
−50
V
Emitter to base voltage
VEBO
−5
V
Collector current (DC)
IC(DC)
−100
mA
Collector current (Pulse)
IC(pulse) *
−200
mA
Total power dissipation
PT
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50 %
PACKAGE DRAWING (UNIT: mm)
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−50 V, IE = 0
100
nA
DC current gain
hFE1 **
VCE =
−5.0 V, IC = −5.0 mA
135
280
600
DC current gain
hFE2 **
VCE =
−5.0 V, IC = −50 mA
100
200
Collector saturation voltage
VCE(sat) **
IC =
−5.0 mA, IB = −0.25 mA
−0.06
−0.2
V
Low level input voltage
VIL **
VCE =
−5.0 V, IC = −100
µA
−0.57
−0.5
V
High level input voltage
VIH **
VCE =
−0.2 V, IC = −5.0 mA
−3.0
−1.1
V
Input resistance
R1
15.4
22
28.6
k
Turn-on time
ton
0.2
µs
Storage time
tstg
5.0
µs
Turn-off time
toff
VCC =
−5.0 V, RL = 1.0 kΩ
VI =
−5.0 V, PW = 2.0
µs
duty cycle
≤2 %
6.0
µs
** Pulse test PW
≤ 350
µs, duty cycle ≤ 2 %
hFE CLASSIFICATION
Marking
Q
P
K
hFE1
135 to 270
200 to 400
300 to 600


Similar Part No. - BN1F4Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BN1F4Z RENESAS-BN1F4Z Datasheet
239Kb / 6P
   COMPOUND TRANSISTOR
2002
More results

Similar Description - BN1F4Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FP1 RENESAS-FP1_15 Datasheet
270Kb / 10P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
NEC
BP1A4A NEC-BP1A4A Datasheet
94Kb / 6P
   On-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
HQ1 RENESAS-HQ1_15 Datasheet
292Kb / 8P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
NEC
HR1F3P NEC-HR1F3P Datasheet
120Kb / 6P
   On-chip resistor PNP silicon epitaxial transistor For mid-speed switching
BN1A4Z NEC-BN1A4Z Datasheet
106Kb / 4P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
AN1A3Q RENESAS-AN1A3Q Datasheet
237Kb / 6P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
April 1st, 2010
AN1A4Z RENESAS-AN1A4Z Datasheet
236Kb / 6P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
April 1st, 2010
HR1 RENESAS-HR1_15 Datasheet
400Kb / 8P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
AN1F4Z RENESAS-AN1F4Z Datasheet
235Kb / 6P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
April 1st, 2010
logo
NEC
BN1A3Q NEC-BN1A3Q Datasheet
109Kb / 4P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com