Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P502-010-SM Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. P502-010-SM
Description  Low-Profile VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 10 ft.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

P502-010-SM Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low-Profile VGA Coaxial High-Resolution
Monitor Cable with RGB Coaxial (HD15 M/M),
2048 x 1536 (1080p), 10 ft.
MODEL NUMBER: P502-010-SM
Allows a high-resolution connection between your VGA-enabled computer and monitor up to 10 ft. apart
with no ghosting.
Description
The P502-010-SM VGA Coaxial High-Resolution Monitor Cable (M/M) allows you to connect your VGA-
enabled computer and monitor up to 10 feet apart. Constructed from mini-coaxial (RGB) and paired video
wire, it supports video resolutions up to 2048 x 1536, including 1080p, with no ghosting. It’s more than
40% smaller in diameter than standard VGA cables, which increases airflow in tight spaces and makes it
easier to install around corners.
Foil and braid shielding delivers reliable, error-free signal quality and protection from EMI/RFI line noise
that can distort or destroy data. Molded HD15 male connectors with gold-plated contacts provide
maximum conductivity and minimize data loss. Integral strain relief gives the cable extra flexibility, reduces
stress, and helps the cable and connectors move freely without cracking.
Features
Allows Connection Between VGA-Enabled Computer and Monitor Up to 10 ft.
Supports video resolutions up to 2048 x 1536, including 1080p
q
Made from mini-coaxial (RGB) and paired video wire
q
Foil and braid shielding protects against EMI/RFI line noise that can distort or destroy data
q
Molded HD15 male connectors and gold-plated contacts provide maximum conductivity and minimize
data loss
q
Integral strain relief protects cable and connectors from stress and cracking
q
Rugged PVC jacket designed for long life
q
Highlights
Supports video resolutions up to
2048 x 1536, including 1080p
q
Made from mini-coaxial (RGB)
and paired video wire
q
Foil and braid shielding blocks
hazardous EMI/RFI line noise
q
Gold-plated contacts for
maximum conductivity
q
Over 40% slimmer than
standard VGA cables
q
System Requirements
Display device with HD15 input
q
Computer with HD15 output
q
Package Includes
P502-010-SM Low-Profile VGA
Coaxial High-Resolution Monitor
Cable (M/M), 10 ft.
q
1 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn