Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P502-001 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P502-001
Description  VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 1 ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P502-001 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P502-001 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P502-001 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
VGA Coaxial High-Resolution Monitor Cable with
RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 1
ft.
MODEL NUMBER: P502-001
Allows a high-resolution connection between your VGA-enabled computer and monitor up to 1 ft. apart
with no ghosting.
Description
The P502-001 VGA Coaxial High-Resolution Monitor Cable (M/M) allows you to connect your VGA-
enabled computer and monitor up to one foot apart. Constructed from mini-coaxial (RGB) and paired
video wire, it supports video resolutions up to 2048 x 1536, including 1080p, with no ghosting.
Foil and braid shielding delivers reliable, error-free signal quality and protection from EMI/RFI line noise
that can distort or destroy data. Molded gold-plated HD15 male connectors with gold-plated contacts
provide maximum conductivity and minimize data loss. Integral strain relief gives the cable extra flexibility,
reduces stress, and helps the cable and connectors move freely without cracking.
Features
Allows Connection Between VGA-Enabled Computer and Monitor Up to 1 ft.
Supports video resolutions up to 2048 x 1536, including 1080p
q
Made from mini-coaxial (RGB) and paired video wire
q
Foil and braid shielding protects against EMI/RFI line noise that can distort or destroy data
q
Molded gold-plated HD15 male connectors and contacts provide maximum conductivity and minimize
data loss
q
Integral strain relief protects cable and connectors from stress and cracking
q
Rugged PVC jacket designed for long life
q
Highlights
Supports video resolutions up to
2048 x 1536, including 1080p
q
Made from mini-coaxial (RGB)
and paired video wire
q
Foil and braid shielding blocks
hazardous EMI/RFI line noise
q
Gold-plated connectors and
contacts for maximum
conductivity
q
Integral strain relief protects
against cable stress and
cracking
q
System Requirements
Display device with HD15 input
q
Computer with HD15 output
q
Package Includes
P502-001 VGA Coaxial High-
Resolution Monitor Cable (M/M),
1 ft.
q
1 / 2


Similar Part No. - P502-001

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P502-003 TRIPPLITE-P502-003 Datasheet
158Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 3 ft.
P502-003-RA TRIPPLITE-P502-003-RA Datasheet
164Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), Right-Angle Connector, 2048 x 1536 (1080p), 3 ft.
P502-003-SM TRIPPLITE-P502-003-SM Datasheet
162Kb / 2P
   Low-Profile VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 3 ft.
P502-006 TRIPPLITE-P502-006 Datasheet
162Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 6ft.
P502-006-RA TRIPPLITE-P502-006-RA Datasheet
164Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), Right-Angle Connector, 2048 x 1536 (1080p), 6 ft.
More results

Similar Description - P502-001

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P502-075 TRIPPLITE-P502-075 Datasheet
162Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 75 ft.
P502-025 TRIPPLITE-P502-025 Datasheet
162Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 25 ft.
P502-100 TRIPPLITE-P502-100 Datasheet
162Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 100 ft.
P502-003 TRIPPLITE-P502-003 Datasheet
158Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 3 ft.
P502-015 TRIPPLITE-P502-015 Datasheet
162Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 15 ft.
P502-050 TRIPPLITE-P502-050 Datasheet
162Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 50 ft.
P502-030 TRIPPLITE-P502-030 Datasheet
162Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 30 ft.
P502-010 TRIPPLITE-P502-010 Datasheet
162Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 10 ft.
P502-040 TRIPPLITE-P502-040 Datasheet
163Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 40 ft.
P502-020 TRIPPLITE-P502-020 Datasheet
162Kb / 2P
   VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 20 ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com