Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P500-100 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P500-100
Description  VGA Coax High-Resolution Monitor Extension Cable with RGB Coax (HD15 M/F), 2048 x 1536 (1080p), 100 ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P500-100 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P500-100 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P500-100 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
OVERVIEW
UPC Code
037332125187
INPUT
Cable Length (ft.)
100
Cable Length (m)
30.5
PHYSICAL
Shipping Dimensions (hwd / in.)
2.50 x 10.00 x 10.00
Shipping Dimensions (hwd / cm)
6.35 x 25.40 x 25.40
Shipping Weight (lbs.)
4.30
Shipping Weight (kg)
1.95
Color
Black
CONNECTIONS
Side A - Connector 1
HD15 (MALE)
Side B - Connector 1
HD15 (FEMALE)
FEATURES & SPECIFICATIONS
Technology
Coax; VGA/SVGA
CERTIFICATIONS
Certifications
RoHS-Compliant
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 2


Similar Part No. - P500-100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P500-100 ETC2-P500-100 Datasheet
474Kb / 2P
   VGA Coax Monitor Extension Cable, High Resolution cable with RGB coax (HD15 M/F), 100-ft.
More results

Similar Description - P500-100

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P500-050 TRIPPLITE-P500-050 Datasheet
155Kb / 2P
   VGA Coax High-Resolution Monitor Extension Cable with RGB Coax (HD15 M/F), 2048 x 1536 (1080p), 50 ft.
P500-003 TRIPPLITE-P500-003 Datasheet
175Kb / 2P
   VGA Coax High-Resolution Monitor Extension Cable with RGB Coax (HD15 M/F), 2048 x 1536 (1080p), 3 ft.
P500-006 TRIPPLITE-P500-006 Datasheet
155Kb / 2P
   VGA Coax High-Resolution Monitor Extension Cable with RGB Coax (HD15 M/F), 2048 x 1536 (1080p), 6 ft.
P500-075 TRIPPLITE-P500-075 Datasheet
154Kb / 2P
   VGA Coax High-Resolution Monitor Extension Cable with RGB Coax (HD15 M/F), 2048 x 1536 (1080p), 75 ft.
P500-025 TRIPPLITE-P500-025 Datasheet
154Kb / 2P
   VGA Coax High-Resolution Monitor Extension Cable with RGB Coax (HD15 M/F), 2048 x 1536 (1080p), 25 ft.
P500100 TRIPPLITE-P500100 Datasheet
473Kb / 2P
   VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 100-ft
logo
List of Unclassifed Man...
P500-100 ETC2-P500-100 Datasheet
474Kb / 2P
   VGA Coax Monitor Extension Cable, High Resolution cable with RGB coax (HD15 M/F), 100-ft.
logo
Tripp Lite. All Rights ...
P500-015 TRIPPLITE-P500-015 Datasheet
470Kb / 2P
   VGA Coax High-Resolution Monitor Extension Cable with RGB Coax (HD15 M/F), 15 ft
P500006 TRIPPLITE-P500006 Datasheet
473Kb / 2P
   VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M-F), 6-ft
P500-010 TRIPPLITE-P500-010 Datasheet
480Kb / 4P
   VGA Coax Monitor Extension Cable, High Resolution cable with RGB coax (HD15 M/F)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com