Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LS244 Datasheet(PDF) 1 Page - Integral Corp.

Part No. IN74LS244
Description  Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74LS244 Datasheet(HTML) 1 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
1
Octal 3-State Noninverting Buffer/Line
Driver/Line Receiver
These octal buffers and line drivers and designed specifically to
improve both the performance and density of three-state memory
address
drivers,
clock
drivers,
and
busoriented
receivers
and
transmitters.
This devise features high fan-out, improved fan-in, and 400 mV
noise margin.
It can be used to drive terminated lines down to 133 ohms.
• 3-State Outputs Drive Bus Lines or Buffer Memory Address
Registers
• P-N-P Inputs Reduce D-C Loading
• Hysteresis at Inputs Improves Noise Margins
IN74LS244
ORDERING INFORMATION
IN74LS244N Plastic
IN74LS244DW SOIC
TA = 0° to 70° C
for all packages
FUNCTION TABLE
Inputs
Outputs
Enable A,
Enable B
A,B
YA,YB
LL
L
LH
H
HX
Z
X=don’t care
Z = high impedance
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn