Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41LV16257 Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC41LV16257
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV16257 Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC41LV16257 Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41LV16257 Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41LV16257 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV16257 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV16257 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV16257 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV16257 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV16257 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV16257 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
IC41C16257/IC41C16257S
IC41LV16257/IC41LV16257S
Integrated Circuit Solution Inc.
5
DR021-0A 08/11/2001
FUNCTIONAL DESCRIPTION
The IC41C16257 and the IC41LV16257 are CMOS DRAMs
optimized for high-speed bandwidth, low-power applications.
During READ or WRITE cycles, each bit is uniquely
addressed through the 18 address bits. These are entered
nine bits (A0-A8) at a time. The row address is latched by the
Row Address Strobe (
RAS). The column address is latched
by the Column Address Strobe (
CAS). RAS is used to latch
the first nine bits and
CAS is used to latch the latter nine bits.
The IC41C16257 and the IC41LV16257 have two
CAS
controls,
LCAS and UCAS. The LCAS and UCAS inputs
internally generate a
CAS signal functioning in an identical
manner to the single
CAS input on the other 256K x 16
DRAMs. The key difference is that each
CAS controls its
corresponding I/O tristate logic (in conjunction with
OE and
WE and RAS). LCAS controls
I/O0 - I/O7 and
UCAS
controls I/O8 - I/O15.
The IC41C16257/IC41LV16257
CAS function is determined
by the first
CAS (LCAS or UCAS) transitioning LOW and the
last transitioning back HIGH. The two
CAS controls give the
IC41C16257 both BYTE READ and BYTE WRITE cycle
capabilities.
Memory Cycle
A memory cycle is initiated by bringing
RAS LOW and it is
terminated by returning both
RAS and CAS HIGH. To
ensure proper device operation and data integrity any
memory cycle, once initiated, must not be ended or aborted
before the minimum tRAS time has expired. A new cycle must
not be initiated until the minimum precharge time tRP, tCP has
elapsed.
Read Cycle
A read cycle is initiated by the falling edge of
CAS or OE,
whichever occurs last, while holding
WE HIGH. The column
address must be held for a minimum time specified by tAR.
Data Out becomes valid only when tRAC, tAA, tCAC and tOE are
all satisfied. As a result, the access time is dependent on the
timing relationships between these parameters.
Write Cycle
A write cycle is initiated by the falling edge of
CAS and WE,
whichever occurs last. The input data must be valid at or
before the falling edge of
CAS or WE, whichever occurs last.
Refresh Cycle
To retain data, 512 refresh cycles are required in each
8 ms period. There are two ways to refresh the memory:
1. By clocking each of the 512 row addresses (A0 through
A8) with
RAS at least once every 8 ms. Any read, write,
read-modify-write or
RAS-only cycle refreshes the ad-
dressed row.
2. Using a
CAS-before-RAS refresh cycle. CAS-before-
RAS refresh is activated by the falling edge of RAS, while
holding
CAS LOW. In CAS-before-RAS refresh cycle, an
internal 9-bit counter provides the row addresses and the
external address inputs are ignored.
CAS-before-RAS is a refresh-only mode and no data access
or device selection is allowed. Thus, the output remains in
the High-Z state during the cycle.
Self Refresh Cycle(1)
The Self Refresh allows the user a dynamic refresh, data
retention mode at the extended refresh period of 64 ms. i.e.,
125 µs per row when using distributed CBR refreshes. The
feature also allows the user the choice of a fully static, low
power data retention mode. The optional Self Refresh feature
is initiated by performing a CBR Refresh cycle and holding
RAS LOW for the specified tRASS.
The Self Refresh mode is terminated by driving
RAS HIGH for
a minimum time of tRPS. This delay allows for the completion
of any internal refresh cycles that may be in process at the
time of the
RAS LOW-to-HIGH transition. If the DRAM
controller uses a distributed refresh sequence, a burst refresh
is not required upon exiting Self Refresh.
However, if the DRAM controller utilizes a
RAS-only or burst
refresh sequence, all 512 rows must be refreshed within the
average internal refresh rate, prior to the resumption of normal
operation.
Power-On
After application of the VCC supply, an initial pause of
200 µs is required followed by a minimum of eight initialization
cycles (any combination of cycles containing a
RAS signal).
During power-on, it is recommended that
RAS track with VCC
or be held at a valid VIH to avoid current surges.
Note:
1.Self Refresh is for Sversion only.


Similar Part No. - IC41LV16257

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV16256 ICSI-IC41LV16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41LV16256-35K ICSI-IC41LV16256-35K Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41LV16256-35KG ICSI-IC41LV16256-35KG Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41LV16256-35KI ICSI-IC41LV16256-35KI Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41LV16256-35KIG ICSI-IC41LV16256-35KIG Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
More results

Similar Description - IC41LV16257

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
41C16257 ISSI-41C16257 Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16257B ISSI-IS41LV16257B Datasheet
129Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
Integrated Silicon Solu...
IS41C4405X ISSI-IS41C4405X Datasheet
138Kb / 17P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com