Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS952606FLFT Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS952606FLFT
Description  Programmable Timing Control Hub for Next Gen P4 processor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952606FLFT Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS952606FLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS952606FLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS952606FLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS952606FLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS952606FLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS952606FLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS952606FLFT Datasheet HTML 9Page - Integrated Circuit Systems ICS952606FLFT Datasheet HTML 10Page - Integrated Circuit Systems ICS952606FLFT Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS952606
0717F—06/10/05
Electrical Characteristics - 3V66 Mode: 3V66 [3:0]
TA = 0 - 70°C; VDD = 3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppmsee Tperiod min-max values
-300
300
ppm1,2
66.66MHz output nominal
14.9955
15
15.0045
ns
2
66.66MHz output spread
14.9955
15.0799
ns
2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
IOL = 1 mA
0.55
V
V OH@MIN = 1.0 V
-33
mA
VOH@MAX = 3.135 V
-33
mA
VOL @MIN = 1.95 V
30
mA
VOL@MAX = 0.4 V
38
mA
Edge Rate
Rising edge rate
1
4
V/ns
1
Edge Rate
Falling edge rate
1
4
V/ns
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.79
2
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.69
2
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
49.9
55
%
1
Skew
tsk1
VT = 1.5 V
80
250
ps
1
Jitter
tjcyc-cyc
VT = 1.5 V 3V66
172
250
ps
1
1Guaranteed by design, not 100% tested in production.
Clock period
Tperiod
2 All Long Term Accuracy and Clock Period specifications are guaranteed with the assumption that Ref output is at
14.31818MHz
Output High Current
IOH
Output Low Current
IOL
Electrical Characteristics - PCICLK
TA = 0 - 70°C; VDD = 3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppmsee Tperiod min-max values
-300
300
ppm1,2
33.33MHz output nominal
29.9910
30
30.0090
ns
2
33.33MHz output spread
29.9910
30.1598
ns
2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
IOL = 1 mA
0.55
V
V OH@MIN = 1.0 V
-33
mA
VOH@MAX = 3.135 V
-33
mA
VOL@MIN = 1.95 V
30
mA
VOL@MAX = 0.4 V
38
mA
Edge Rate
Rising edge rate
1
4
V/ns
1
Edge Rate
Falling edge rate
1
4
V/ns
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.79
2
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.69
2
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
51.2
55
%
1
Skew
tsk1
VT = 1.5 V
59
500
ps
1
Jitter
tjcyc-cyc
VT = 1.5 V 3V66
140
250
ps
1
1Guaranteed by design, not 100% tested in production.
Clock period
Tperiod
2 All Long Term Accuracy and Clock Period specifications are guaranteed with the assumption that Ref output is
at 14.31818MHz
Output High Current
IOH
Output Low Current
IOL


Similar Part No. - ICS952606FLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS952606 RENESAS-ICS952606 Datasheet
167Kb / 20P
   Programmable Timing Control Hub™ for Next Gen P4™ processor
06/10/05
ICS952606YFLFT RENESAS-ICS952606YFLFT Datasheet
167Kb / 20P
   Programmable Timing Control Hub™ for Next Gen P4™ processor
06/10/05
More results

Similar Description - ICS952606FLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
   Programmable Timing Control Hub for Next Gen P4??processor
ICS932S208 ICST-ICS932S208 Datasheet
145Kb / 20P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119 ICST-ICS954119 Datasheet
217Kb / 17P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS952623 ICST-ICS952623 Datasheet
321Kb / 27P
   Programmable Timing Control Hub for Next Gen P4 processor
ICS952621 ICST-ICS952621 Datasheet
198Kb / 15P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS952601 ICST-ICS952601 Datasheet
181Kb / 24P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS952607 ICST-ICS952607 Datasheet
214Kb / 21P
   Programmable Timing Control Hub for Next Gen P4 processor
953002CFLF ICST-953002CFLF Datasheet
285Kb / 35P
   Programmable Timing Control Hub for Next Gen P4 processor
logo
Integrated Device Techn...
954119DFLF IDT-954119DFLF Datasheet
219Kb / 17P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119DFLFT IDT-ICS954119DFLFT Datasheet
219Kb / 17P
   Programmable Timing Control Hub??for Next Gen P4??processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com