Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XTXT-HOS-2M Datasheet(PDF) 1 Page - Ralston Instruments.

Part No. XTXT-HOS-2M
Description  Quick-test XT 10,000 psi hose, S..S. hose ends, 2 meters long
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RALSTON [Ralston Instruments.]
Homepage  http://www.ralstoninst.com
Logo 

XTXT-HOS-2M Datasheet(HTML) 1 Page - Ralston Instruments.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
XTXT-HOS-2m
Quick-test XT 10,000 psi hose, S..S. hose ends, 2 meters long
10,000 psi (689 bar) working pressure Microbore hoses that provide a very quick, low
volume, high pressure way of connecting to any pressure instrumentation, hand pump,
calibration source or device under test
Specs/Attributes
Burst Pressure
40000 PSI / 2760 bar / 275 MPa
Color
Blue
Country of origin
USA
Fluid Media
Air,Inert Gas,Natural Gas,Petroleum Based Oil,Water
Inner Diameter
0.08 In / 3.00 mm
Length
2.00 m / 6 ft 7 in
Materials
Stainless Steel
Max Pressure
10000 PSI / 690 bar / 69 MPa
Max Temperature
140 °F / 60 °C
Min Temperature
0 °F / -18 °C
Minimum Bend Radius
1.00 In / 26 mm
Outer Diameter
0.24 In / 7.00 mm
Type
XT
2
Meters


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn