Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTR6516 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HTR6516
Description  SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HTR6516 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HTR6516 Datasheet HTML 4Page - Hitachi Semiconductor HTR6516 Datasheet HTML 5Page - Hitachi Semiconductor HTR6516 Datasheet HTML 6Page - Hitachi Semiconductor HTR6516 Datasheet HTML 7Page - Hitachi Semiconductor HTR6516 Datasheet HTML 8Page - Hitachi Semiconductor HTR6516 Datasheet HTML 9Page - Hitachi Semiconductor HTR6516 Datasheet HTML 10Page - Hitachi Semiconductor HTR6516 Datasheet HTML 11Page - Hitachi Semiconductor HTR6516 Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Page 7 of 15
8. Label
Label that describe the following items is indicated on the top of transceiver.
Product name, Serial number, Wavelength, Manufacture name and “CLASS 1 LASER
PRODUCT”.
9. PINOUT
Pinout is shown in Table 4.
Table 4. Pin Designations
Name
Symbol
Pin
Pin
Symbol
Name
Transmitter Ground
VeeT
20
1
VeeT
Transmitter Ground
Inv. Transmit
Data In
TD-
19
2
Tx Fault
Transmitter Fault
Indication
Transmit Data In
TD+
18
3
Tx Disable
Transmitter Disable
Transmitter Ground
VeeT
17
4
MOD_DEF(2)*
Module Definition 2
Transmitter Power
VccT
16
5
MOD_DEF(1)*
Module Definition 1
Receiver Power
VccR
15
6
MOD_DEF(0)*
Module Definition 0
Receiver Ground
VeeR
14
7
(Rate Select)
Unused function
Received Data Out
RD+
13
8
LOS
Loss of Signal
Inv. Received
Data Out
RD-
12
9
VeeR
Receiver Ground
Received Ground
VeeR
11
10
VeeR
Receiver Ground
* Mod-Def 0,1,2 are the module definition pins. They should be pulled up with a 4.7K-10K
resistor on the host board.
Mod-Def 0 is grounded by the module to indicate that the module is present.
Mod-Def 1 is the clock line of two wire serial interface (I2C) for serial ID.
Mod-Def 2 is the data line of two wire serial interface (I2C) for serial ID.
For use of two wire serial interface (I2C), referring to Philips I2C bus specification or ATMEL
AT24C01A/02/04 data sheet is recommended. Refer to URL below for more detail:
http://www.semiconductors.philips.com/buses/i2c/facts/index.html or,
http://www.atmel.com/acrobat/doc0180.pdf


Similar Part No. - HTR6516

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HTR6545 HITACHI-HTR6545 Datasheet
284Kb / 10P
   SFF TRANSCEIVER
More results

Similar Description - HTR6516

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S2070 AMCC-S2070 Datasheet
168Kb / 20P
   FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
   10-bit Transceiver for Fibre Channel and Gigabit Ethernet
logo
OPLINK Communications I...
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
logo
Source Photonics, Inc.
SP-GB-ELX-CNA SOURCE-SP-GB-ELX-CNA Datasheet
476Kb / 7P
   20Km Gigabit Ethernet SFP Transceiver
SP-GB-LX-CDA SOURCE-SP-GB-LX-CDA Datasheet
506Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
SP-GB-MX-CNA SOURCE-SP-GB-MX-CNA Datasheet
497Kb / 7P
   10Km Gigabit Ethernet SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com