Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-315-060 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-315-060
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-315-060 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-315-060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-315-060 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
Switching Specifications (AC)
Over recommended operating conditions (TA = -40 to 100°C, IF(ON) = 7 to 16 mA, VF(OFF) = -3.0 to 0.8 V,
VCC = 15 to 30 V, VEE = Ground, each channel) unless otherwise specified.
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
tPLH
0.10
0.30
0.50
µs
Rg = 47
Ω,
10, 11,
14
Time to High
Cg = 3 nF,
12, 13,
Output Level
f = 10 kHz,
14, 23
Duty Cycle = 50%
Propagation Delay
tPHL
0.10
0.3
0.50
µs
Time to Low
Output Level
Pulse Width
PWD
0.3
µs15
Distortion
Propagation Delay
PDD
-0.35
0.35
µs
34,35
10
Difference Between (tPHL - tPLH)
Any Two Parts
or Channels
Rise Time
tr
0.1
µs23
Fall Time
tf
0.1
µs
UVLO Turn On
tUVLO ON
0.8
µsVO > 5 V,
22
Delay
IF = 10 mA
UVLO Turn Off
tUVLO OFF
0.6
µsVO < 5 V,
Delay
IF = 10 mA
Output High Level
|CMH|
15
30
kV/
µsTA = 25°C,
24
11, 12
Common Mode
IF = 10 to 16 mA,
Transient
VCM = 1500 V,
Immunity
VCC = 30 V
Output Low Level
|CML|
15
30
kV/
µsTA = 25°C,
11, 13
Common Mode
VCM = 1500 V,
Transient
VF = 0 V,
Immunity
VCC = 30 V


Similar Part No. - HCPL-315-060

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-3150 BOARDCOM-HCPL-3150 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results

Similar Description - HCPL-315-060

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com