Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS9397725TB Datasheet(PDF) 6 Page - Bi technologies

Part # HS9397725TB
Description  TI CEPT ISDN Transformers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HS9397725TB Datasheet(HTML) 6 Page - Bi technologies

  HS9397725TB Datasheet HTML 1Page - Bi technologies HS9397725TB Datasheet HTML 2Page - Bi technologies HS9397725TB Datasheet HTML 3Page - Bi technologies HS9397725TB Datasheet HTML 4Page - Bi technologies HS9397725TB Datasheet HTML 5Page - Bi technologies HS9397725TB Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6-156
Model HS93 Series
ORDERING INFORMATION
HS 93
98705
TR
Model Series
Product Family
Packaging:
TB = Tubes
TR = Tape & Reel
Schematics:
98705
98706
97725
97727
Standard:
Tubes
Magazine
Capacity
HS93-98706
=
55 Units
HS93-98705
=
24 Units
HS93-97725
=
28 Units
HS93-97727
=
20 Units
Option:
Tape & Reel
Reel
Diameter
=
13”(330mm)
Capacity
HS93-97725
=
420 Units
HS93-97727
=
350 Units
PACKAGING


Similar Part No. - HS9397725TB

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HS93 BITECH-HS93 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HS93-00221 BITECH-HS93-00221 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HS93-01027 BITECH-HS93-01027 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HS93-01048 BITECH-HS93-01048 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HS93-01155 BITECH-HS93-01155 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
More results

Similar Description - HS9397725TB

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S5813 BOTHHAND-S5813 Datasheet
65Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
S5821 BOTHHAND-S5821 Datasheet
67Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com