Electronic Components Datasheet Search |
|
HR1F3P Datasheet(PDF) 2 Page - NEC |
|
HR1F3P Datasheet(HTML) 2 Page - NEC |
2 / 6 page 'DWD 6KHHW'(-9'6 HR1 SERIES +5$0 (/(&75,&$/ &+$5$&7(5,67,&6 7D °°°°& Parameter Symbol Conditions MIN. TYP. MAX. Unit Collector cutoff current ICBO VCB = −60 V, IE = 0 −100 nA DC current gain hFE1 ** VCE = −2.0 V, IC = −0.1 A 50 − DC current gain hFE2 ** VCE = −2.0 V, IC = −0.5 A 100 − DC current gain hFE3 ** VCE = −2.0 V, IC = −1.0 A 50 − Low level output voltage VOL ** VIN = −5.0 V, IC = −0.4 A −0.4 V Low level input voltage VIL ** VCE = −5.0 V, IC = −100 µA −0.3 V Input resistance R1 0.7 1.0 1.3 k Ω E-to-B resistance R2 0.7 1.0 1.3 k Ω 3: ≤ µV GXW\F\FOH ≤ +5)3 (/(&75,&$/ &+$5$&7(5,67,&6 7D °°°°& Parameter Symbol Conditions MIN. TYP. MAX. Unit Collector cutoff current ICBO VCB = −60 V, IE = 0 −100 nA DC current gain hFE1 ** VCE = −2.0 V, IC = −0.1 A 150 − DC current gain hFE2 ** VCE = −2.0 V, IC = −0.5 A 100 − DC current gain hFE3 ** VCE = −2.0 V, IC = −1.0 A 50 − Low level output voltage VOL ** VIN = −5.0 V, IC = −0.3 A −0.3 V Low level input voltage VIL ** VCE = –5.0 V, IC = −100 µA −0.3 V Input resistance R1 1.54 2.2 2.86 k Ω E-to-B resistance R2 710 13 k Ω 3: ≤ µV GXW\F\FOH ≤ +5/1 (/(&75,&$/ &+$5$&7(5,67,&6 7D °°°°& Parameter Symbol Conditions MIN. TYP. MAX. Unit Collector cutoff current ICBO VCB = −60 V, IE = 0 −100 nA DC current gain hFE1 ** VCE = −2.0 V, IC = −0.1 A 150 − DC current gain hFE2 ** VCE = −2.0 V, IC = −0.5 A 100 − DC current gain hFE3 ** VCE = −2.0 V, IC = −1.0 A 50 − Low level output voltage VOL ** VIN = −5.0 V, IC = −0.2 A −0.3 V Low level input voltage VIL ** VCE = −5.0 V, IC = −100 µA −0.3 V Input resistance R1 3.29 4.7 6.11 k Ω E-to-B resistance R2 710 13 k Ω 3: ≤ µV GXW\F\FOH ≤ |
Similar Part No. - HR1F3P |
|
Similar Description - HR1F3P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |