Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3018-30CS Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM3018-30CS
Description  Micropower, 150mA Low Noise CMOS Regulator with Fast Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3018-30CS Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM3018-30CS Datasheet HTML 1Page - California Micro Devices Corp CM3018-30CS Datasheet HTML 2Page - California Micro Devices Corp CM3018-30CS Datasheet HTML 3Page - California Micro Devices Corp CM3018-30CS Datasheet HTML 4Page - California Micro Devices Corp CM3018-30CS Datasheet HTML 5Page - California Micro Devices Corp CM3018-30CS Datasheet HTML 6Page - California Micro Devices Corp CM3018-30CS Datasheet HTML 7Page - California Micro Devices Corp CM3018-30CS Datasheet HTML 8Page - California Micro Devices Corp CM3018-30CS Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
07/29/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
3
CM3018
PRELIMINARY
Package / Ordering Information (Cont’d)
Chip Scale Package
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Note 2: Lead-free devices are specified by using a "
+" character for the top side orientation mark.
EN
BYP
VOUT
VIN
A1
A3
C3
C1
GND
B2
Pin "A1"
Marking
A1
23
1
C
B
A
Orientation
Marking
(see note 2)
PACKAGE / PINOUT DIAGRAM
Notes:
CM3018
CSP Package
TOP VIEW
BOTTOM VIEW
(Bumps Down View)
(Bumps Up View)
2) Lead-free devices are specified by using a "+" character for the top side orientation mark.
1) These drawings are not to scale.
PART NUMBERING INFORMATION
CSP
BUMPS
Output Voltage
Package
Standard Finish
Lead-free Finish2
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
5
1.5V
CSP
CM3018-15CS
MA
CM3018-15CP
MA
5
1.8V
CSP
CM3018-18CS
MB
CM3018-18CP
MB
5
2.5V
CSP
CM3018-25CS
MC
CM3018-25CP
MC
5
2.6V
CSP
CM3018-26CS
MD
CM3018-26CP
MD
5
2.8V
CSP
CM3018-28CS
ME
CM3018-28CP
ME
5
2.85V
CSP
CM3018-2JCS
MF
CM3018-2JCP
MF
5
2.9V
CSP
CM3018-29CS
MG
CM3018-29CP
MG
5
3.0V
CSP
CM3018-30CS
MH
CM3018-30CP
MH
5
3.1V
CSP
CM3018-31CS
MJ
CM3018-31CP
MJ
5
3.3V
CSP
CM3018-33CS
MK
CM3018-33CP
MK


Similar Part No. - CM3018-30CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3010 ETC1-CM3010 Datasheet
253Kb / 12P
   LoRaWAN??ACM
logo
Chicago Miniature Lamp,...
CM3011 CML-CM3011 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM3011 VCC-CM3011 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CM3014-15ST CALMIRCO-CM3014-15ST Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
More results

Similar Description - CM3018-30CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Texas Instruments
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Linear Technology
LTC1844 LINER-LTC1844_15 Datasheet
213Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
LTC1844 LINER-LTC1844 Datasheet
209Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
logo
California Micro Device...
CMPWR161 CALMIRCO-CMPWR161 Datasheet
202Kb / 8P
   Micropower, Low Noise 4.75V/150mA LDO Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
   Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
   150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com