Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C194B-25VC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C194B-25VC
Description  256 Kb (64K x 4) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C194B-25VC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C194B-25VC Datasheet HTML 1Page - Cypress Semiconductor CY7C194B-25VC Datasheet HTML 2Page - Cypress Semiconductor CY7C194B-25VC Datasheet HTML 3Page - Cypress Semiconductor CY7C194B-25VC Datasheet HTML 4Page - Cypress Semiconductor CY7C194B-25VC Datasheet HTML 5Page - Cypress Semiconductor CY7C194B-25VC Datasheet HTML 6Page - Cypress Semiconductor CY7C194B-25VC Datasheet HTML 7Page - Cypress Semiconductor CY7C194B-25VC Datasheet HTML 8Page - Cypress Semiconductor CY7C194B-25VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CY7C194B
CY7C195B
Document #: 38-05409 Rev. *A
Page 4 of 13
CY7C195B Truth Table
CY7C194B Truth Table
Pin Description
Pin
Type
Description
28 DIP
24 DIP
24 SOJ
28 SOJ
AX
Input
Address Inputs.
2, 3, 4, 5, 6,
7, 8, 9, 10,
11, 22, 23,
24, 25, 26,
27
1, 2, 3, 4, 5,
6, 7, 8, 9,
10, 18, 19,
20, 21, 22,
23
1, 2, 3, 4, 5,
6, 7, 8, 9,
10, 18, 19,
20, 21, 22,
23
2, 3, 4, 5, 6,
7, 8, 9, 10,
11, 22, 23,
24, 25, 26,
27
CE
Control
Chip Enable.12
11
11
12
I/OX
Input or
Output
Data Input/Outputs.
16, 17, 18,
19
14, 15, 16,
17
14, 15, 16,
17
16, 17, 18,
19
NC
No Connect. Pins are not internally connected to
the die.
1, 20, 21
1, 20, 21
OE
Control
Output Enable (CY7C195 only).
13–
–13
VCC
Supply
Power (5.0V).
28242428
WE
Control
Write Enable.
15131315
CE
OE
WE
I/Ox
Mode
Power
H
X
X
High Z
Deselect / Power-Down
Standby (ISB)
L
L
H
Data Out
Read
Active (ICC)
L
X
L
Data In
Write
Active (ICC)
L
H
H
High Z
Selected, outputs disabled
Active (ICC)
CE
WE
Input/Output
Mode
Power
H
X
High Z
Power-Down
Standby (ISB)
LH
Data Out
Read
Active (ICC)
L
L
Data In
Write
Active (ICC)


Similar Part No. - CY7C194B-25VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C194BN CYPRESS-CY7C194BN Datasheet
397Kb / 10P
   256 Kb (64K x 4) Static RAM
CY7C194BN CYPRESS-CY7C194BN Datasheet
460Kb / 15P
   256 Kb (64 K 횞 4) Static RAM Wide voltage range: 5.0 V 짹 10% (4.5 V to 5.5 V)
CY7C194BN-15PC CYPRESS-CY7C194BN-15PC Datasheet
397Kb / 10P
   256 Kb (64K x 4) Static RAM
CY7C194BN-15PC CYPRESS-CY7C194BN-15PC Datasheet
460Kb / 15P
   256 Kb (64 K 횞 4) Static RAM Wide voltage range: 5.0 V 짹 10% (4.5 V to 5.5 V)
CY7C194BN-15VC CYPRESS-CY7C194BN-15VC Datasheet
397Kb / 10P
   256 Kb (64K x 4) Static RAM
More results

Similar Description - CY7C194B-25VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C194BN CYPRESS-CY7C194BN Datasheet
397Kb / 10P
   256 Kb (64K x 4) Static RAM
CY7C197BN CYPRESS-CY7C197BN Datasheet
512Kb / 9P
   256 Kb (256K x 1) Static RAM
CY7C197B CYPRESS-CY7C197B Datasheet
91Kb / 10P
   256 Kb (256K x 1) Static RAM
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
   64K x 4 Static RAM
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Motorola, Inc
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6208C MOTOROLA-MCM6208C Datasheet
175Kb / 8P
   64K x 4 Fast Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com