Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3018-25CS Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM3018-25CS
Description  Micropower, 150mA Low Noise CMOS Regulator with Fast Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3018-25CS Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM3018-25CS Datasheet HTML 1Page - California Micro Devices Corp CM3018-25CS Datasheet HTML 2Page - California Micro Devices Corp CM3018-25CS Datasheet HTML 3Page - California Micro Devices Corp CM3018-25CS Datasheet HTML 4Page - California Micro Devices Corp CM3018-25CS Datasheet HTML 5Page - California Micro Devices Corp CM3018-25CS Datasheet HTML 6Page - California Micro Devices Corp CM3018-25CS Datasheet HTML 7Page - California Micro Devices Corp CM3018-25CS Datasheet HTML 8Page - California Micro Devices Corp CM3018-25CS Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
07/29/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846 ▲ www.calmicro.com
1
CM3018
PRELIMINARY
Micropower, 150mA Low Noise CMOS Regulator
with Fast Response
Features
Available with 1.5V, 1.8V, 2.5V, 2.6V, 2.8V, 2.85V,
2.9V, 3.0V, 3.1V or 3.3V outputs
•Fast (60
µs) V
OUT response when enabled
Ultra low noise (35
µV rms typ.)
Delivers up to 150mA output current
Very low dropout (150mV at 150mA)
Low quiescent operating current (110
µA)
Stable with low-ESR ceramic capacitors
“Zero” disable mode current consumption
Thermal overload protection
Foldback overload current protection
-40°C to +85°C temperature operation
Available in a 5-pin SOT23 and 5-bump Chip Scale
Packages (CSP)
Lead-free versions available
Applications
Wireless handsets, PDAs, MP3 players, digital
cameras
PCs and notebooks
Graphics cards, set-top boxes
Compact Flash memory cards
Battery-powered devices
•PC cards
Product Description
The CM3018 is a very low dropout, low noise regulator
that delivers up to 150mA of load current at a fixed out-
put voltage.
A dedicated control input (EN, Active High) provides
power-up sequencing flexibility. When this input is
taken low, the regulator is disabled. In this state, the
supply current will drop to near zero. An internal dis-
charge MOSFET resistance (300
Ω) will force the out-
put to ground whenever the device is disabled.
An optional bypass pin is provided for further improve-
ment of noise performance and to maximize the power
supply ripple rejection.
The CM3018 is fully protected, offering both overload
current limiting and high temperature thermal shut-
down.
The CM3018 is available in a tiny 5 lead SOT-23 pack-
age or a 5-bump CSP and is ideal for space critical
applications. The CSP version of the CM3018 incorpo-
rates OptiGuardTM technology to provide increased reli-
ability at assembly.
All versions of the CM3018 are now available with
optional lead-free finishing.
Simplified Electrical Schematic
Typical Application Circuit
VIN
EN
VOUT
GND
1µF
1µF
+
-
OUT
+
+
BYP
10nF
COUT
CIN
GND
CM3018
CBYP
EN
+
VIN
GND
VOUT
-
BYP
VREF
1x


Similar Part No. - CM3018-25CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3010 ETC1-CM3010 Datasheet
253Kb / 12P
   LoRaWAN??ACM
logo
Chicago Miniature Lamp,...
CM3011 CML-CM3011 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM3011 VCC-CM3011 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CM3014-15ST CALMIRCO-CM3014-15ST Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
More results

Similar Description - CM3018-25CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Texas Instruments
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Linear Technology
LTC1844 LINER-LTC1844_15 Datasheet
213Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
LTC1844 LINER-LTC1844 Datasheet
209Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
logo
California Micro Device...
CMPWR161 CALMIRCO-CMPWR161 Datasheet
202Kb / 8P
   Micropower, Low Noise 4.75V/150mA LDO Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
   Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
   150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com