Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3018-18SO Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM3018-18SO
Description  Micropower, 150mA Low Noise CMOS Regulator with Fast Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3018-18SO Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM3018-18SO Datasheet HTML 1Page - California Micro Devices Corp CM3018-18SO Datasheet HTML 2Page - California Micro Devices Corp CM3018-18SO Datasheet HTML 3Page - California Micro Devices Corp CM3018-18SO Datasheet HTML 4Page - California Micro Devices Corp CM3018-18SO Datasheet HTML 5Page - California Micro Devices Corp CM3018-18SO Datasheet HTML 6Page - California Micro Devices Corp CM3018-18SO Datasheet HTML 7Page - California Micro Devices Corp CM3018-18SO Datasheet HTML 8Page - California Micro Devices Corp CM3018-18SO Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
07/29/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
5
CM3018
PRELIMINARY
Specifications (continued)
Note 1: Electrical operating characteristics are guaranteed over standard operating conditions unless otherwise noted.
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Regulator Output Voltage
TA = 25°C;
0mA < ILOAD < 150mA; VIN-VOUT = 1V
-1%
+1%
V
0°C < TA < 125°C;
0mA < ILOAD < 150mA; VIN-VOUT = 1V
-2%
+2%
V
-40°C < TA < 125°C;
0mA < ILOAD < 150mA; VIN-VOUT = 1V
-3%
+3%
V
VOUTRT
Regulator Response Time
No Load; COUT = 1µf Ceramic Cap
60
µs
RDROPOUT Dropout Resistance
0mA < ILOAD < 150mA
1
1.3
VR LOAD
Load Regulation
VIN-VOUT = 1V; 10mA < ILOAD < 150mA
.25
%
VR LINE
Line Regulation
3.3V < VIN < 4.3V; ILOAD = 5mA
0.15
%/V
ILIM
Overload Current Limit
400
mA
ISC
Short Circuit Current Limit
VOUT < 1V
200
mA
RDISCH
Discharge Resistance
EN tied to ground; VIN = 3.0V
300
IGND
Ground Current
with EN tied to VIN; ILOAD = 0mA:
100
200
µA
with EN tied to VIN; ILOAD = 150mA:
110
250
µA
with EN tied to GND (Disable Mode):
0.1
10
µA
VIH
Enable High Threshold
Regulator enabled
0.8
1.2
V
VIL
Enable Low Threshold
Regulator shutdown
0.4
0.7
V
IEN
Enable Input Current
VEN > 0.8V
.01
µA
TDISABLE
Shutdown Temperature
150
°C
THYST
Thermal Hysteresis
15
°C
PSRR
Ripple Rejection
ƒ = 120Hz; V
IN VOUT = 1V;
ILOAD= 100µA; COUT = 1µF Ceramic;
CBYP = 10nF
60
dB
eN
Output Noise
300Hz-100kHz; COUT = 10µF Ceramic;
CBYP = 10nF
35
µVrms


Similar Part No. - CM3018-18SO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3010 ETC1-CM3010 Datasheet
253Kb / 12P
   LoRaWAN??ACM
logo
Chicago Miniature Lamp,...
CM3011 CML-CM3011 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM3011 VCC-CM3011 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CM3014-15ST CALMIRCO-CM3014-15ST Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
More results

Similar Description - CM3018-18SO

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Texas Instruments
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Linear Technology
LTC1844 LINER-LTC1844_15 Datasheet
213Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
LTC1844 LINER-LTC1844 Datasheet
209Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
logo
California Micro Device...
CMPWR161 CALMIRCO-CMPWR161 Datasheet
202Kb / 8P
   Micropower, Low Noise 4.75V/150mA LDO Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
   Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
   150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com