Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VC2220K102R035 Datasheet(PDF) 1 Page - Kemet Corporation

Part No. VC2220K102R035
Description  KEMET, VC, Varistors, Low Voltage, 45 V, 35 VAC, 56 V, 90 V, 10 A, 1 kA, 7.6 J, 20 mW
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VC2220K102R035 Datasheet(HTML) 1 Page - Kemet Corporation

  VC2220K102R035 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: VC2220K102R035
KEMET, VC, Varistors, Low Voltage, 45 V, 35 VAC, 56 V, 90 V, 10 A, 1 kA, 7.6 J, 20 mW
Dimensions
Chip Size
2220
L
5.7mm +/-0.5mm
W
5mm +/-0.4mm
T
1.45mm MAX
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R
Packaging Quantity: 1000
General Information
Supplier: KEMET
Series: VC
Type: Varistors
Style: SMD Chip
Description: Surface Mount Varistors
Features: Low Voltage
Termination: Nickel Tin
RoHS: Yes
Specifications
Voltage DC: 45 VDC (25C)
Voltage AC: 35 VAC
Temperature Range: -55/+125C
Storage Temperature Range: -55/+150C
Varistor Voltage: 56 VDC at 1 mA
Clamping Voltage: 90 V
Clamping Current: 10 A (8/20 us MAX)
Surge Current: 1000 A (8/20 us MAX)
Energy: 7.6 J (10/1000 us MAX)
Capacitance: 3000 pF (1kHz)
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 3/04/2019 - 87c571c8-c2d8-40ef-8866-dd1ec6ba1e12


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn