Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QTHA-5SB0 Datasheet(PDF) 1 Page - Ralston Instruments.

Part No. QTHA-5SB0
Description  Outlet ports used on hand pumps, nitrogen sources, volume controllers
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RALSTON [Ralston Instruments.]
Homepage  http://www.ralstoninst.com
Logo 

QTHA-5SB0 Datasheet(HTML) 1 Page - Ralston Instruments.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
QTHA-5SB0
QTVC Outlet port, male Quick-test, brass
Outlet ports used on hand pumps, nitrogen
sources, volume controllers
QTHA-5SB0
Specs/Attributes
Country of origin
USA
Materials
Brass
Max Pressure
0.00 PSI / 0.00 mbar / 0.00 kPa
Max Vacuum
0.00 InHg / 0.0 kPa
Seal Materials
Buna-N


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn