Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM64152A Datasheet(PDF) 4 Page - OKI electronic componets

Part No. MSM64152A
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM64152A Datasheet(HTML) 4 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4/25
¡ Semiconductor
MSM64152A/64152AL
PAD CONFIGURATION
Pad Layout
Chip Size
: 3.90 mm ¥ 3.48 mm
Chip Thickness
: 350 mm (typ.)
Coordinate Origin
: Chip center
Pad Hole Size
: 110 mm ¥ 110 mm
Pad Size
: 120 mm ¥ 120 mm
Minimum Pad Pitch
: 180 mm
Note: The chip substrate voltage is VDD.
Y
X
43 42 41 40 39 38 37 36 35 34 33 32 31 30
123456789 10 11 12 13 14 15
29
28
27
26
25
24
23
22
21
20
19
18
17
16
44
45
46
47
48
49
50
52
53
54
55
56
57
51


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn