Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2703U+R Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2703U+R
Description  SHA-1 Battery Pack Authentication IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2703U+R Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS2703U+R Datasheet HTML 4Page - Dallas Semiconductor DS2703U+R Datasheet HTML 5Page - Dallas Semiconductor DS2703U+R Datasheet HTML 6Page - Dallas Semiconductor DS2703U+R Datasheet HTML 7Page - Dallas Semiconductor DS2703U+R Datasheet HTML 8Page - Dallas Semiconductor DS2703U+R Datasheet HTML 9Page - Dallas Semiconductor DS2703U+R Datasheet HTML 10Page - Dallas Semiconductor DS2703U+R Datasheet HTML 11Page - Dallas Semiconductor DS2703U+R Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DS2703 SHA-1 Battery Pack Authentication IC
8 of 20
Table 3. Authentication Function Commands
COMMAND
HEX
FUNCTION
Write Challenge
0C
Writes 64-bit challenge for SHA-1 processing. Required prior to
either Compute MAC command.
Compute MAC without ROM ID
and return MAC
36
Computes hash with logical 1’s in place of the ROM_ID
Compute MAC with ROM ID and
return MAC
35
Computes hash including the ROM_ID
SECRET MANAGEMENT FUNCTION COMMANDS
LOAD SECRET [5Ah]. This command writes the 64-bit secret to the provided 64-bit data argument value. The host
must apply a programming pulse to write the secret value to EEPROM.
COMPUTE NEXT SECRET WITHOUT ROM ID [30h]. This command initiates a SHA-1 computation of the MAC
and uses a portion of the resulting MAC as the next or new secret. The MAC computation is performed with the
current 64-bit secret and the 64-bit challenge. Logical 1’s are loaded in in place of the ROM ID since the ROM ID
data is not used in this command. Two words (64 bits) of the output MAC are used as the new secret value. The
host must allow tCOMP after issuing this command for the SHA calculation to complete, then apply a programming
pulse to write the new secret value to EEPROM.
COMPUTE NEXT SECRET WITH ROM ID [33h]. This command initiates a SHA-1 computation of the MAC and
uses a portion of the resulting MAC as the next or new secret. The MAC computation is performed with the current
64-bit secret, the 64-bit ROM ID, and the 64-bit challenge. Two words (64 bits) of the output MAC are used as the
new secret value. The host must allow tCOMP after issuing this command for the SHA calculation to complete, then
apply a programming pulse to write the new secret value to EEPROM.
LOCK SECRET [6Ah]. This command write protects the 64-bit Secret to prevent accidental or malicious overwrite
of the secret value. The Secret value stored in EEPROM becomes "final." The host must apply a programming
pulse to write the secret lock bit to EEPROM.
Table 4. Secret Loading Function Commands
COMMAND
HEX
FUNCTION
Load Secret
5A
Loads the Secret with 64-bit data argument
Compute Next Secret without
ROM ID
30
Generates new global secret
Compute Next Secret with
ROM ID
33
Generates new unique secret
Lock Secret
6A
Sets lock bit to prevent changes to the Secret
1-Wire SPEED CONTROL FUNCTION COMMANDS
CLEAR OVERDRIVE [8Dh]. This command clears the 1-Wire Overdrive bit to select the Standard 1-Wire timings
shown in the Electrical Characteristics table. The Overdrive bit is stored in EEPROM so that the programmed
speed selection can be recalled on initial power up. The host must apply a programming pulse to complete the
command.
SET OVERDRIVE [8Bh]. This command sets the 1-Wire Overdrive bit to select the Overdrive 1-Wire timings
shown in the Electrical Characteristics table. The Overdrive bit is stored in EEPROM so that the programmed
speed selection can be recalled on initial power up. The host must apply a programming pulse to complete the
command.


Similar Part No. - DS2703U+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2703U MAXIM-DS2703U Datasheet
375Kb / 20P
   SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
DS2703UTR MAXIM-DS2703UTR Datasheet
375Kb / 20P
   SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
More results

Similar Description - DS2703U+R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2703 DALLAS-DS2703_07 Datasheet
369Kb / 20P
   SHA-1 Battery Pack Authentication IC
logo
Maxim Integrated Produc...
DS2703 MAXIM-DS2703 Datasheet
375Kb / 20P
   SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
DS2705 MAXIM-DS2705 Datasheet
211Kb / 18P
   SHA-1 Authentication Master
050506
DS2705 MAXIM-DS2705_V01 Datasheet
356Kb / 18P
   SHA-1 Authentication Master
2007
logo
Dallas Semiconductor
DS2705 DALLAS-DS2705_07 Datasheet
339Kb / 18P
   SHA-1 Authentication Master
logo
Texas Instruments
BQ26150 TI-BQ26150 Datasheet
461Kb / 16P
[Old version datasheet]   BATTERY PACK SECURITY AND AUTHENTICATION IC FOR PORTABLE APPLICATIONS (bqSECURE)
BQ26100 TI-BQ26100 Datasheet
408Kb / 22P
[Old version datasheet]   SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
logo
Maxim Integrated Produc...
DS2704 MAXIM-DS2704 Datasheet
227Kb / 18P
   1280-Bit EEPROM with SHA-1 Authentication
011206
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2784 MAXIM-DS2784 Datasheet
456Kb / 38P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
REV: 071107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com