Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2510 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT2510
Description  Dual 400mA, 1MHz Step-Down DC-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2510 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT2510 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2510 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2510 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2510 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2510 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2510 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2510 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2510 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2510 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Typical Channel Characteristics
Output Voltage Error vs. Temperature
(VIN = 3.6V; VO = 1.5V)
Temperature (
°°C)
-2.0
-1.0
0.0
1.0
2.0
-40
-20
0
20
40
60
80
100
Frequency vs. Input Voltage
(VOUT = 1.8V)
Input Voltage (V)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
DC Regulation
(VOUT = 1.8V; L = 4.7
µµH)
Output Current (mA)
-2.0
-1.0
0.0
1.0
2.0
0.1
1.0
10
100
1000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Efficiency vs. Load
(VOUT = 1.8V; L = 4.7
µµH)
Output Current (mA)
50
60
70
80
90
100
0.1
1.0
10
100
1000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Load Regulation
(VOUT = 2.5V; L = 4.7
µµH)
Output Current (mA)
-2.0
-1.0
0.0
1.0
2.0
0.1
1.0
10
100
1000
VIN = 3.0V
VIN = 3.3V
VIN = 3.6V
Efficiency vs. Load
(VOUT = 2.5V; L = 4.7
µµH)
Output Current (mA)
60
70
80
90
100
0.1
1.0
10
100
1000
VIN = 3.3V
VIN = 3.6V
VIN = 3.0V
AAT2510
Dual 400mA, 1MHz Step-Down DC-DC Converter
2510.2005.08.1.5
5


Similar Part No. - AAT2510

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2510 ANALOGICTECH-AAT2510 Datasheet
744Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT2510 SKYWORKS-AAT2510 Datasheet
1Mb / 19P
   Dual 400mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2510IWP-AA-T1 ANALOGICTECH-AAT2510IWP-AA-T1 Datasheet
744Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT2510IWP-AA-T1 SKYWORKS-AAT2510IWP-AA-T1 Datasheet
1Mb / 19P
   Dual 400mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2510IWP-AW-T1 ANALOGICTECH-AAT2510IWP-AW-T1 Datasheet
744Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
More results

Similar Description - AAT2510

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2510 ANALOGICTECH-AAT2510_06 Datasheet
744Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT2510 SKYWORKS-AAT2510 Datasheet
1Mb / 19P
   Dual 400mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1143 ANALOGICTECH-AAT1143_06 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2511 ANALOGICTECH-AAT2511 Datasheet
471Kb / 20P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
AAT1143 ANALOGICTECH-AAT1143 Datasheet
594Kb / 20P
   1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1143 SKYWORKS-AAT1143 Datasheet
1Mb / 19P
   1MHz 400mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT2511_0605 ANALOGICTECH-AAT2511_0605 Datasheet
591Kb / 20P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1130 SKYWORKS-AAT1130 Datasheet
2Mb / 18P
   2.5MHz 400mA Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com