Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

20SCFM Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. 20SCFM
Description  20SCFM
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

20SCFM Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  20SCFM Datasheet HTML 1Page - List of Unclassifed Manufacturers 20SCFM Datasheet HTML 2Page - List of Unclassifed Manufacturers 20SCFM Datasheet HTML 3Page - List of Unclassifed Manufacturers 20SCFM Datasheet HTML 4Page - List of Unclassifed Manufacturers 20SCFM Datasheet HTML 5Page - List of Unclassifed Manufacturers 20SCFM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1900 & 3000 SCFM Coalescer
1-800-521-9200
12
Specifications
Port Sizes
3", 4", 6" RFSO
Thread Styles
Raised Face 150# Flanges
Flow Capacity
1900 & 3000 SCFM
@ 100 PSI
Bowl Types
Epoxy Coated Steel
Maximum Temp.
125°F
Maximum Pressure*
150 PSIG
Filter Capacity
0.01 Micron and Larger
Differential Pressure
< 1.5 PSID at Rated Flow
*For higher pressure applications, consult factory. If unit is equipped with dif-
ferential indicator, maximum temperature and pressure are 125°F and 150
PSIG regardless of bowl design.
Front View
Side View
Physical Dimensions
Model #
Description
A
B
C
3C-1900-MFD-P
3" Manual Drain
20.0
44.75
19.0
3C-1900-MFD-X
3" External Float
20.0
44.75
19.0
3C-1900-MFE-P
4" Manual Drain
20.0
44.75
19.0
3C-1900-MFE-X
4" External Float
20.0
44.75
19.0
3C-3000-MFF-P
6" Manual Drain
20.0
44.75
19.0
3C-3000-MFF-X
6" External Float
20.0
44.75
19.0
All 3C-1900 units require a minimum 25" clearance between the bottom of housing and floor for installation
All 3C-3000 units require a minimum 36" clearance between the bottom of housing and floor for installation
Order Guide
Port Size
Metal Bowl w/Indicator
3"
3C-1900-MFD-P
Manual Drain
4"
3C-1900-MFE-P
6"
3C-3000-MFF-P
3"
3C-1900-MFD-X
Float Drain
4"
3C-1900-MFE-X
6"
3C-3000-MFF-X
Replacement Parts & Accessories
Description
Part Number
Float Drain
N32-95-XD8
Differential Indicator
N32-P2-DPi
Electronic Drain
N32-XED-04
Replacement Element
3C-1900 or 3C-3000
Type of contamination: oil


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn