Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DEM16216SYH-LY Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. DEM16216SYH-LY
Description  DEM16216SYH-LY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DEM16216SYH-LY Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DEM16216SYH-LY Datasheet HTML 4Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 5Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 6Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 7Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 8Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 9Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 10Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 11Page - List of Unclassifed Manufacturers DEM16216SYH-LY Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
DEM 16216 SYH-LY
Product Specification
6
7. BACKLIGHT & SWITCH (Ta = -20 ~ +70°C)
Item
Symbol
Standard Value
Unit
Applicable Terminal
Backlight Voltage
V
5.0
V
Backlight Current
I
~ 97
mA
LED+ / LED-
Figure 5.0 Backlight for DEM 16216 SYH-LY
8. DISPLAY DATA RAM (DDRAM)
1
2
3
4
5
6
7
8
9
1
0
11
12
13
14
15
16
DISPLAY POSITION
FIRST LINE
00 0
1
02 03 04 05 06 07 08 09 0A
0B
0C
0D
0E
0F
DDRAM ADDRESS
SECOND LINE
40 4
1
42 43 44 45 46 47 48 49 4A
4B
4C
4D
4E
4F
K
A
K
A
12 x 2
dices


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn